Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADM4853_15

  • AI
    ## ADM4853 Electronic Component Overview The **ADM4853** is a low-power, differential line transceiver designed for high-speed, half-duplex RS-485 and RS-422 communication. It is manufactured by Analog Devices and is widely used in industrial and telecommunications applications. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Communication Protocol** | RS-485 / RS-422 | | **Data Rate** | Up to 10 Mbps | | **Duplex Mode** | Half-Duplex | | **Supply Voltage ($V_{CC}$)** | 4.75 V to 5.25 V | | **Number of Drivers/Receivers** | 1 Driver, 1 Receiver | | **Receiver Input Impedance** | 1/8 unit load (up to 256 nodes) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Functional Blocks The ADM4853 consists of several internal sections that manage the conversion between logic-level signals and differential line signals: 1. **Driver (Transmitter):** Converts a single-ended TTL/CMOS logic signal (DI) into a differential signal (A and B). It features short-circuit protection and thermal shutdown. 2. **Receiver:** Converts differential signals from the bus back into logic-level signals (RO). It features a fail-safe design, ensuring a high logic output if inputs are open or shorted. 3. **Enable Logic:** * **RE (Receiver Enable):** Active LOW. * **DE (Driver Enable):** Active HIGH. * These can be tied together to allow "Direction Control" from a single microcontroller pin. --- ### 3. Pin Configuration (8-Lead SOIC/MSOP) | Pin No. | Mnemonic | Function | | :--- | :--- | :--- | | 1 | **RO** | Receiver Output | | 2 | **RE** | Receiver Enable (Active Low) | | 3 | **DE** | Driver Enable (Active High) | | 4 | **DI** | Driver Input | | 5 | **GND** | Ground | | 6 | **A** | Non-Inverting Driver Output/Receiver Input | | 7 | **B** | Inverting Driver Output/Receiver Input | | 8 | **VCC** | Power Supply (5V) | --- ### 4. Distinctive Features * **High Speed:** Unlike some RS-485 transceivers limited to 250 kbps (slew-rate limited), the ADM4853 supports **10 Mbps**, making it suitable for high-speed data backbone applications. * **Low Power:** It utilizes a BiCMOS process, which minimizes static power consumption while maintaining high drive capability. * **Reduced Loading:** Because it has a "1/8 unit load" input impedance, you can connect up to **256 transceivers** on a single bus line, compared to the standard 32. ### 5. Common Applications * Industrial Control Networks (Modbus, Profibus). * Level Translators. * Building Automation systems (HVAC, Lighting). * Packet Switching and Telecommunications infrastructure.
    ✨ Follow-up Questions
    • ⤷What is the difference between half-duplex and full-duplex RS-485 transceivers?
    • ⤷ How does the fail-safe feature in the ADM4853 receiver work?
    • ⤷ What is the recommended termination resistance for a 10 Mbps RS-485 bus?