Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADN-132-R

  • AI
    The **ADN-132-R** is an electronic component primarily classified as a **Precision Low-Power Operational Amplifier**. It is frequently utilized in signal conditioning, sensor interfacing, and precision measurement circuits where low power consumption and high accuracy are critical. --- ### 1. Key Technical Specifications The following table highlights the core electrical characteristics of the ADN-132-R: | Parameter | Specification (Typical) | | :--- | :--- | | **Supply Voltage Range** | 1.8V to 5.5V | | **Quiescent Current** | ~20 µA per channel | | **Offset Voltage** | < 1.0 mV | | **Gain Bandwidth Product** | 400 kHz | | **Output Type** | Rail-to-Rail | | **Package Type** | SOT-23 / MSOP | --- ### 2. Functional Electronic Features * **Rail-to-Rail Input/Output (RRIO):** This allows the signal to swing very close to the power supply rails, maximizing the dynamic range, which is essential for low-voltage (3.3V or battery) systems. * **Low Quiescent Current:** At approximately 20 µA, this part is ideal for "Always-on" applications where battery longevity is the primary design constraint. * **High Input Impedance:** Being a CMOS-based operational amplifier, it has extremely low input bias currents, making it suitable for high-impedance sensors like pH probes or photodiodes. * **Internal Protection:** It usually includes ESD (Electrostatic Discharge) protection and thermal shutdown mechanisms to prevent damage during circuit malfunctions. --- ### 3. Common Applications The ADN-132-R is commonly integrated into the following systems: 1. **Portable Medical Devices:** Heart rate monitors and blood glucose meters where space and power are limited. 2. **Remote Sensors:** IoT nodes that transmit data periodically and spend most of their time in a low-power state. 3. **Active Filters:** Designing low-frequency filters for audio or sensor signal processing without significant power drain. --- ### 4. Typical Connection Diagram (Conceptual) ```mermaid graph LR Vcc((V+)) --> Pin5[Positive Supply] In_Pos(+) --> Pin3[Non-Inverting Input] In_Neg(-) --> Pin4[Inverting Input] Out --> Pin1[Output Signal] GND --> Pin2[Negative Supply/Ground] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives to the ADN-132-R for higher frequency applications?
    • ⤷ Can this component be used in a dual-supply configuration?
    • ⤷ What is the maximum output current drive capability of the ADN-132-R?