Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP1046ACPZ-R7

  • AI
    ## Overview of the ADP1046ACPZ-R7 The **ADP1046ACPZ-R7** is a highly integrated digital controller designed by Analog Devices for high-density, isolated power supply applications. It is specifically engineered to handle AC-to-DC and DC-to-DC power conversion through a flexible, software-programmable interface. --- ### 1. Key Technical Specifications The following table outlines the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Package Type** | LFCSP-32 (Lead Frame Chip Scale Package) | | **Number of Pins** | 32 | | **Supply Voltage (VDD)** | 3.0V to 3.6V | | **Operating Temperature** | -40°C to +125°C | | **ADC Resolution** | 12-bit (for voltage/current monitoring) | | **Interface** | I2C / PMBus compliant | | **PWM Outputs** | 7 Programmable Channels | --- ### 2. Core Functional Components The "Electronic Parts" within the silicon architecture of the ADP1046 include several critical subsystems that allow it to replace traditional analog control loops: #### A. Digital Control Loop Unlike traditional analog controllers that use resistors and capacitors to set compensation, the ADP1046 uses a **Digital Filter and Compensation engine**. This allows for real-time adjustment of loop stability via software. #### B. PWM Generator It features a high-resolution Pulse Width Modulation (PWM) block capable of driving multiple topologies. It supports: * Phase-shifted full-bridge. * Resonant LLC. * Interleaved forward/boost converters. #### C. Integrated Housekeeping The chip contains built-in internal sensors and logic for: * **Current Sensing:** Differential inputs for precise load monitoring. * **Voltage Sensing:** Feedback pins for output regulation. * **Temperature Monitoring:** Internal and external sensor inputs. #### D. Non-Volatile Memory (EEPROM) The device includes integrated EEPROM to store configuration settings. This allows the controller to boot up autonomously without needing an external microcontroller to "push" settings every time. --- ### 3. Application Diagram & Pin Roles The 32 pins are generally grouped into four functional categories: 1. **Power Pins:** `VDD`, `AGND`, `DGND` (Separated analog and digital grounds to reduce noise). 2. **Communication Pins:** `SCL`, `SDA` (PMBus/I2C interface for telemetry and programming). 3. **Feedback Pins:** `VS+`, `VS-`, `CS1`, `CS2` (High-speed ADC inputs for voltage and current). 4. **Control Outputs:** `OUTA` through `OUTD` (PWM signals sent to Gate Drivers). --- ### 4. Typical Use Case This part is commonly found in **Server Power Supplies**, **Telecommunications Infrastructure**, and **Industrial High-Power Modules** where efficiency (80 Plus Gold/Platinum standards) and remote monitoring are required.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ADP1046 and the ADP1046A version?
    • ⤷ How do you program the EEPROM on this device?
    • ⤷ Which gate drivers are best paired with the ADP1046 for a full-bridge topology?