Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP1048ARQZ-R7

  • AI
    ## Overview of the ADP1048ARQZ-R7 The **ADP1048ARQZ-R7** is an advanced digital Power Factor Correction (PFC) controller designed by Analog Devices. It is primarily used in AC-DC power supplies to ensure high efficiency and precise power management through digital control. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Function** | Digital Interleaved PFC Controller | | **Interface** | I2C / PMBus | | **Operating Voltage** | 3.3V (Typical) | | **Package** | 24-QSOP (Quarter Size Outline Package) | | **Topology Support** | Boost, Interleaved Boost, Bridgeless | | **Operating Temperature** | -40°C to +125°C | --- ### Core Electronic Components & Architecture The internal circuitry of the ADP1048 is highly integrated, replacing many traditional analog components with digital equivalents. #### 1. Digital Control Loop Unlike traditional analog controllers that use resistors and capacitors for loop compensation, the ADP1048 uses a **Proportional-Integral-Derivative (PID)** filter in the digital domain. This allows for: * Real-time adjustment of compensation. * Stability across a wide range of loads. #### 2. PMBus Interface The chip features a standard **PMBus (Power Management Bus)** interface. This allows an external microcontroller or system monitor to: * Read telemetry data (Input voltage, output current, temperature). * Adjust protection thresholds (Over-voltage, Over-current). * Optimize efficiency by enabling/disabling phases (Phase Shedding). #### 3. Integrated ADC and Sensing It contains high-speed **Analog-to-Digital Converters (ADCs)** that sample the input line voltage and current. These samples are processed to ensure the current waveform follows the voltage waveform, achieving a Power Factor near 1.0. --- ### Typical Application Circuit Parts To build a system around the ADP1048, the following external electronic parts are typically required: * **MOSFETs:** Switching transistors for the boost stage. * **Boost Inductor:** Stores energy to step up the voltage. * **Current Sense Resistor:** Used to feed current information back to the ADP1048. * **EEPROM:** External memory to store the configuration settings and coefficients for the digital loop. * **Decoupling Capacitors:** Standard 0.1µF and 10µF capacitors for noise filtering on the VDD pins. --- ### Advantages of the "R7" Variant The suffix **-R7** specifically refers to the packaging format: * **R7:** Indicates that the parts are supplied on a **7-inch Tape and Reel**, which is optimized for automated pick-and-place assembly machines.
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of digital PFC over traditional analog PFC?
    • ⤷ How does phase shedding in the ADP1048 improve light-load efficiency?
    • ⤷ What software is used to program the PID coefficients for this controller?