Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP1074WARWZ-R7

  • AI
    The **ADP1074WARWZ-R7** is a high-performance, isolated synchronous flyback controller developed by Analog Devices. It is specifically designed for high-efficiency isolated DC-to-DC power conversion, integrating proprietary iCoupler® technology to eliminate the need for optocouplers. --- ## 1. Key Technical Specifications Below are the primary electronic characteristics of the ADP1074WARWZ-R7: | Parameter | Specification | | :--- | :--- | | **Topology** | Isolated Flyback / Forward | | **Input Voltage Range** | 4.5V to 60V | | **Output Type** | Synchronous Rectification Support | | **Isolation Tech** | Integrated iCoupler (Digital Isolation) | | **Switching Frequency** | 50 kHz to 600 kHz (Programmable) | | **Package** | 24-lead SOIC_W (Wide Body) | | **Grade** | Automotive Qualified (AEC-Q100) | --- ## 2. Core Functional Components The "Electronic Parts" or internal architecture of this IC can be broken down into several functional blocks: ### A. Integrated iCoupler® Isolation Unlike traditional controllers that require a separate optocoupler and shunt regulator (like the TL431) for feedback, the ADP1074 integrates these components. It uses micro-transformers to communicate across the isolation barrier, resulting in: * Higher reliability (no optocoupler degradation). * Reduced component count and PCB footprint. * Faster transient response. ### B. Synchronous Rectification (SR) Control The IC provides a dedicated signal to drive secondary-side MOSFETs. By using MOSFETs instead of Schottky diodes for rectification, the power loss is significantly reduced, enabling efficiencies often exceeding 90%. ### C. Protection Circuitry The device incorporates comprehensive safety features: * **OCP (Overcurrent Protection):** Primary and secondary side sensing. * **OVP (Overvoltage Protection):** Prevents damage to the load. * **OTP (Over-Temperature Protection):** Thermal shutdown if the die gets too hot. * **Soft Start:** Programmable start-up to prevent high inrush currents. --- ## 3. Pinout and Connection Overview The 24-lead SOIC package separates primary-side pins from secondary-side pins to maintain creepage and clearance requirements. ```c // Simplified Pin Logic Groups Primary_Side { VIN; // Input Power GATE; // Primary Switching MOSFET Drive CS; // Current Sense COMP; // Compensation Network } Secondary_Side { VOUT; // Output Voltage Feedback SR_DRV; // Synchronous Rectifier Drive AGND/PGND; // Signal and Power Grounds } ``` --- ## 4. Part Number Breakdown: ADP1074WARWZ-R7 * **ADP1074:** The base model number. * **W:** Automotive qualified (AEC-Q100). * **ARW:** Package code for Wide Body SOIC. * **Z:** RoHS compliant (Lead-free). * **R7:** Packaging format (7-inch Reel, 1000 units). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of iCoupler technology over traditional optocouplers in power supplies?
    • ⤷ How do you calculate the external components for the frequency programming of the ADP1074?
    • ⤷ Can the ADP1074 be used in a Forward topology
    • ⤷ and if so
    • ⤷ what are the limitations?