Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP1190AACBZ-R7

  • AI
    ## Technical Overview: ADP1190AACBZ-R7 The **ADP1190AACBZ-R7** is a high-side load switch designed for power domain isolation and power management in portable electronic devices. It is manufactured by **Analog Devices (ADI)** and is specifically engineered for low-voltage applications requiring very low "On" resistance. --- ### 1. Key Technical Specifications | Parameter | Description | | :--- | :--- | | **Input Voltage Range** | 1.1 V to 3.6 V | | **Maximum Continuous Current** | 500 mA | | **On Resistance ($R_{DSON}$)** | ~34 mΩ at 1.8 V | | **Quiescent Current** | < 1 µA (Low power consumption) | | **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Functional Components The internal architecture of the ADP1190 consists of several critical electronic stages: 1. **P-Channel MOSFET:** The primary switching element. Because it uses a P-channel architecture, it does not require an external charge pump to drive the gate when the input voltage is low. 2. **Control Logic:** A digital input pin (**EN**) allows the system microcontroller to enable or disable the switch. It features low-voltage logic compatibility. 3. **Level Shifter:** Translates the logic signal from the Enable pin to the appropriate voltage level required to fully turn the internal MOSFET on or off. 4. **Slew Rate Control:** This internal mechanism prevents "Inrush Current." By controlling how fast the switch turns on, it prevents the input voltage rail from dropping suddenly when a large capacitive load is connected. --- ### 3. Pin Configuration (4-Ball WLCSP) The device is extremely small, typically measuring around 0.8 mm x 0.8 mm. | Ball | Symbol | Description | | :--- | :--- | :--- | | **A1** | **VIN** | Input voltage source. | | **A2** | **VOUT** | Regulated output to the load. | | **B1** | **EN** | Enable input (Active High). | | **B2** | **GND** | Ground reference. | --- ### 4. Typical Applications * **Mobile Phones:** Isolating power-hungry modules (like GPS or Cameras) when not in use. * **Wearables:** Maximizing battery life in smartwatches and fitness trackers. * **Portable Medical Devices:** Power gating for sensors. * **Digital Cameras:** Managing power rails for image processors. --- ### 5. Benefits of the "AACBZ-R7" Variant * **WLCSP Package:** The "CBZ" suffix indicates the Wafer Level Chip Scale Package, which is essential for space-constrained designs. * **Tape and Reel:** The "R7" suffix indicates the part is shipped on a 7-inch reel for automated high-speed SMT (Surface Mount Technology) assembly. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between high-side and low-side load switches?
    • ⤷ How does slew rate control prevent inrush current in this device?
    • ⤷ Are there pin-compatible alternatives with higher current ratings?