Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP151ACPZ-2.7-R7

  • AI
    ## Overview: ADP151ACPZ-2.7-R7 The **ADP151ACPZ-2.7-R7** is a high-performance, ultra-low noise, low dropout (LDO) linear regulator. It is specifically designed to provide a stable 2.7V output for noise-sensitive analog and mixed-signal applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage (Fixed)** | 2.7 V | | **Input Voltage Range** | 2.2 V to 5.5 V | | **Maximum Output Current** | 200 mA | | **Dropout Voltage (Typical)** | 140 mV @ 200 mA | | **Quiescent Current (Low Load)** | 10 $\mu$A | | **PSRR (Power Supply Rejection Ratio)** | 70 dB at 10 kHz | | **Output Noise** | 9 $\mu$V rms (10 Hz to 100 kHz) | | **Package Type** | LFCSP-6 (2mm x 2mm) | --- ### 2. Functional Components and Features #### A. Low Noise Architecture The internal circuitry is optimized to minimize thermal and flicker noise. This makes it ideal for powering sensitive RF components, VCOs (Voltage Controlled Oscillators), and high-precision ADCs where power supply noise can degrade signal integrity. #### B. Enable (EN) Pin The device includes a dedicated enable input. When pulled low, the regulator enters a shutdown mode, reducing the current consumption to less than **1 $\mu$A**, which is critical for battery-powered devices. #### C. Internal Protection * **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds safe limits. * **Short-Circuit Protection:** Limits the current output to prevent damage during a fault condition. --- ### 3. Application Circuit Example The ADP151 requires minimal external components. Typically, only two small ceramic capacitors are needed for stability. ```markdown Vin (2.2V - 5.5V) ----[ Cin: 1uF ]----| ADP151 |----[ Cout: 1uF ]---- Vout (2.7V) | GND | ``` --- ### 4. Typical Applications * **Mobile Phones:** Powering camera modules and audio codecs. * **Medical Imaging:** Used in portable ultrasound or monitoring equipment. * **Precision Instrumentation:** Powering low-voltage sensors. * **Portable Media Players:** Maintaining high SNR (Signal-to-Noise Ratio).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADP151 and the ADP150 series?
    • ⤷ How does the LFCSP-6 package handle thermal dissipation compared to SOT-23?
    • ⤷ Can I use a capacitor larger than 1uF for the output to further reduce noise?