Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP1607ACPZN-R7

  • AI
    ## Technical Overview: ADP1607ACPZN-R7 The **ADP1607ACPZN-R7** is a high-efficiency, synchronous, fixed-frequency, step-up (boost) DC-to-DC switching regulator. It is designed by Analog Devices and is primarily used for battery-powered applications where space and efficiency are critical. ### Key Specifications | Parameter | Value / Range | | :--- | :--- | | **Input Voltage Range** | 0.9 V to 3.3 V | | **Output Voltage Range** | Fixed or Adjustable (1.8 V to 3.3 V) | | **Switching Frequency** | 2 MHz | | **Max Output Current** | ~150 mA (depending on $V_{in}$/$V_{out}$) | | **Quiescent Current** | 23 µA (typical) | | **Package Type** | 6-lead LFCSP (2mm x 2mm) | | **Efficiency** | Up to 96% | --- ### Core Electronic Components & Features 1. **Synchronous Rectification**: Unlike standard boost converters that use a diode, the ADP1607 uses an internal synchronous N-channel MOSFET and a P-channel synchronous rectifier. This reduces power loss across the diode drop, significantly increasing efficiency. 2. **Internal Power Switches**: The device integrates the power switch and the synchronous rectifier, meaning it requires minimal external components (only an inductor, input capacitor, and output capacitor). 3. **2 MHz Switching Frequency**: The high frequency allows for the use of very small, low-profile inductors and ceramic capacitors, saving board space. 4. **Automatic PFM/PWM Transition**: * **PWM Mode**: At high loads, it operates in Pulse Width Modulation for low noise. * **PFM Mode**: At light loads, it switches to Pulse Frequency Modulation to maintain high efficiency by reducing switching losses. 5. **Shutdown Disconnect**: In shutdown mode ($EN = 0$), the output is completely isolated from the input. This prevents "leakage" current from the battery to the load, a common issue in basic boost circuits. --- ### Typical Application Circuit Below is a conceptual representation of the external components required: ```mermaid graph LR Vin[Input Voltage] --> L1[Inductor] L1 --> LX[LX Pin] Vin --> Cin[Input Cap] Cin --> GND Vout[Output Voltage] --> Cout[Output Cap] Cout --> GND EN[Enable Pin] --> Logic ``` --- ### Use Cases * **Single Alkaline/NiMH Cell**: Boosting 1.2V/1.5V to 3.3V for microcontrollers. * **Wearable Devices**: Small form factor and low idle power consumption. * **Wireless Sensors**: Low-power RF modules requiring stable 1.8V - 3.3V rails.
    ✨ Follow-up Questions
    • ⤷What are the specific inductor value recommendations for a 3.3V output?
    • ⤷ How does the 'True Shutdown' feature differ from standard boost converters?
    • ⤷ What are the thermal considerations for the 6-lead LFCSP package?