Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP160ACBZ-2.75-R7

  • AI
    ## Technical Overview: ADP160ACBZ-2.75-R7 The **ADP160ACBZ-2.75-R7** is a high-performance, ultra-low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically engineered for portable and battery-powered applications where power efficiency and space-saving are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 2.75 V (Fixed) | | **Input Voltage Range** | 2.2 V to 5.5 V | | **Maximum Output Current** | 150 mA | | **Quiescent Current ($I_q$)** | 560 nA (No load) | | **Dropout Voltage** | 60 mV @ 150 mA | | **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) | | **PSRR** | 70 dB at 1 kHz | --- ### 2. Functional Components and Pinout The device is housed in a tiny 0.97 mm x 0.97 mm WLCSP package. Despite its size, it integrates several critical protection circuits. #### Pin Configuration 1. **VIN**: Input Voltage Pin. Should be bypassed with a 1 μF ceramic capacitor. 2. **VOUT**: Regulated Output Voltage. Requires a 1 μF ceramic capacitor for stability. 3. **EN**: Enable Input. Driving this high turns on the device; pulling it low enters shutdown mode. 4. **GND**: Ground reference. --- ### 3. Core Features * **Ultra-Low Quiescent Current**: With a ground current of only 560 nA at no load, it significantly extends battery life in "always-on" standby circuits. * **Low Dropout (LDO)**: The 60 mV dropout allows the regulator to maintain 2.75V output even when the battery voltage drops very close to the target output. * **Internal Protection**: * **Overcurrent Protection**: Limits output current to prevent damage during short circuits. * **Thermal Overload Protection**: Automatically shuts down the device if the junction temperature exceeds safety limits. * **Stability**: Optimized for use with small, low-ESR ceramic capacitors. --- ### 4. Typical Application Circuit ```mermaid graph LR Input[Vin: 3.3V] --> C1[Capacitor 1uF] C1 --> LDO[ADP160] LDO --> C2[Capacitor 1uF] C2 --> Output[Vout: 2.75V] Enable[EN Pin] --> LDO ``` --- ### 5. Common Use Cases * **Mobile Phones**: Powering sensitive analog sub-sections. * **Digital Cameras**: Regulation for image sensors or low-power logic. * **Portable Medical Devices**: Ideal for glucose meters or heart rate monitors. * **IoT Sensors**: Perfect for battery-operated wireless sensor nodes that spend most of their time in sleep mode.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADP160 and the ADP161 series?
    • ⤷ How does the ultra-low quiescent current affect the transient response of this LDO?
    • ⤷ What is the recommended layout practice for the 4-ball WLCSP package to ensure thermal stability?