Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP1610ARMZ-R7

  • AI
    ## Overview of the ADP1610ARMZ-R7 The **ADP1610ARMZ-R7** is a high-efficiency, step-up (boost) DC-to-DC switching converter. It is designed by Analog Devices and is commonly used in applications requiring a higher output voltage from a lower input voltage source, such as battery-powered electronics. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Step-Up (Boost) Converter | | **Input Voltage Range** | 2.5V to 5.5V | | **Output Voltage (Adjustable)** | Up to 12V | | **Switching Frequency** | Pin-selectable: 700 kHz or 1.2 MHz | | **Switch Current Limit** | 1.2 A | | **Package Type** | MSOP-8 (ARMZ suffix) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Components and Features The device integrates several critical electronic functions into a single 8-lead MSOP package: * **Power Switch:** Includes a built-in 1.2 A, 0.23 $\Omega$ low-side N-channel MOSFET. * **PWM Control:** Uses Current Mode Pulse Width Modulation (PWM) for excellent line and load transient response. * **Selectable Frequency:** * **700 kHz:** Optimized for highest efficiency. * **1.2 MHz:** Allows for the use of smaller inductors and capacitors to save board space. * **Soft Start:** Includes an internal soft-start function to minimize inrush current during startup. * **Thermal Shutdown:** Protects the device from damage due to overheating. --- ### 3. Pin Configuration (MSOP-8) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | **COMP** | Compensation pin for the error amplifier. | | 2 | **FB** | Feedback pin. Connect to a resistor divider to set output voltage. | | 3 | **SHDN** | Shutdown control. High = On, Low = Off. | | 4 | **GND** | Analog and Power Ground. | | 5 | **SW** | Switch node. Connect to the inductor and Schottky diode. | | 6 | **VIN** | Input supply voltage. | | 7 | **FREQ** | Frequency select. High = 1.2 MHz, Low/GND = 700 kHz. | | 8 | **SS** | Soft Start. Connect a capacitor to set the start-up time. | --- ### 4. Typical Application Circuit To function, the ADP1610 requires a few external passive components: 1. **Inductor (L1):** Stores energy during the "on" cycle. 2. **Schottky Diode (D1):** Provides a path for current when the switch is off. 3. **Input/Output Capacitors (C1, C2):** For filtering and stability. 4. **Resistor Divider (R1, R2):** Connected to the **FB** pin to define the output voltage. ```text Vout = 1.235V * (1 + R1 / R2) ``` ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the inductor value for a 1.2 MHz switching frequency?
    • ⤷ What are the recommended Schottky diodes for use with the ADP1610?
    • ⤷ Can the ADP1610 be used for SEPIC configurations?