Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP1653ACPZ-R7

  • AI
    ## ADP1653ACPZ-R7: Technical Overview The **ADP1653ACPZ-R7** is a high-efficiency, step-up (boost) DC-to-DC converter specifically designed to drive high-power LEDs, primarily used as a camera flash in mobile devices. It is manufactured by Analog Devices. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Step-up (Boost) LED Driver | | **Input Voltage Range** | 2.7V to 5.5V | | **Max Flash Current** | Up to 500 mA | | **Switching Frequency** | 1.2 MHz | | **Interface** | I2C-Compatible | | **Package** | 16-lead LFCSP (3mm x 3mm) | | **Efficiency** | Up to 90% | --- ### 2. Core Functional Components The device integrates several critical electronic components into a single silicon chip: 1. **Power Switch:** An internal N-channel MOSFET that facilitates the boost conversion by storing energy in an external inductor. 2. **I2C Control Logic:** Allows a microcontroller to program flash current, torch current (continuous mode), and safety timers via a 2-wire interface. 3. **Current Sense Circuitry:** Monitors the output to ensure high accuracy in current delivery to the LED, preventing thermal damage. 4. **Safety Protections:** * **TxMASK Function:** Reduces flash current instantly if the RF power amplifier in a phone draws too much current, preventing system brownouts. * **Overvoltage Protection (OVP):** Protects the chip if the LED becomes an open circuit. * **Thermal Shutdown:** Shuts down the device if internal temperatures exceed safe limits. --- ### 3. Application Circuit Components To function, the ADP1653 requires a few external passive components: * **Inductor (L):** Usually 1.0 $\mu$H to 2.2 $\mu$H. It stores energy during the "on" cycle of the internal switch. * **Input/Output Capacitors ($C_{IN}$ / $C_{OUT}$):** Ceramic capacitors (typically 4.7 $\mu$F to 10 $\mu$F) used for filtering and stabilizing the voltage rails. * **Schottky Diode:** Rectifies the boosted voltage (though some modern versions integrate this). * **LED:** The load, typically a high-brightness white LED. --- ### 4. Common Use Cases * **Mobile Phones:** High-intensity flash and video "torch" light. * **Digital Cameras:** Compact flash solutions. * **Portable Instruments:** As a regulated current source for high-power illumination. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific I2C registers used to set the flash current on the ADP1653?
    • ⤷ How does the TxMASK pin protect the battery during a GSM pulse?
    • ⤷ What are the recommended inductor specifications for optimal efficiency with this chip?