Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP1653ACPZ-R71

  • AI
    ## Technical Overview of ADP1653ACPZ-R7 The **ADP1653ACPZ-R7** is a high-efficiency, step-up (boost) DC-to-DC converter designed specifically for driving high-power flash LEDs in camera-enabled mobile devices. It is manufactured by Analog Devices and is known for its compact footprint and high integration. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Function** | Flash LED Driver (Step-up / Boost) | | **Input Voltage Range** | 2.7 V to 5.5 V | | **Maximum Output Current** | Up to 500 mA (Flash mode) | | **Switching Frequency** | 1.2 MHz | | **Control Interface** | I2C-compatible | | **Package Type** | 16-lead LFCSP (3mm x 3mm) | | **Efficiency** | Up to 92% | --- ### 2. Functional Electronic Components The device integrates several critical electronic sub-systems into a single chip: * **Boost Converter:** A synchronous PWM boost regulator that steps up the battery voltage (typically Li-ion) to a level high enough to forward-bias the white LEDs. * **Current Regulators:** Dual-channel current sinks that provide precise current matching and regulation for the LEDs, ensuring uniform brightness. * **I2C Interface:** This allows a microprocessor to digitally control parameters such as flash current, torch current (continuous mode), and safety timers. * **Protection Circuitry:** * **Overvoltage Protection (OVP):** Prevents damage if the LED circuit is open. * **Thermal Management:** Throttles current if the chip gets too hot. * **Short-Circuit Protection:** Protects the device if the LED terminals are shorted. --- ### 3. Application Circuit Example To function, the ADP1653 requires a few external passive components. Below is a conceptual representation of the necessary external parts: ```markdown 1. Inductor (L): Usually 1.0µH to 2.2µH (Stores energy for the boost). 2. Input Capacitor (Cin): Ceramic, typically 4.7µF (Stabilizes input voltage). 3. Output Capacitor (Cout): Ceramic, typically 4.7µF to 10µF (Filters output ripple). 4. LEDs: High-power white LEDs connected to the LED1/LED2 pins. ``` --- ### 4. Operating Modes The chip typically operates in three distinct states: 1. **Standby Mode:** Minimal power consumption (< 1µA) when the flash is not in use. 2. **Torch Mode:** Continuous low-current output for video recording or flashlight use. 3. **Flash Mode:** High-current, short-duration pulse for capturing still photos in low light. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific I2C register addresses for setting the flash current?
    • ⤷ Can this driver be used for a single LED or does it require two?
    • ⤷ What are the thermal considerations for the 3mm x 3mm LFCSP package during peak flash pulses?