Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP166ACBZ-2.2-R7

  • AI
    ## ADP166ACBZ-2.2-R7: Electronic Component Overview The **ADP166ACBZ-2.2-R7** is a high-performance, ultra-low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed for power-sensitive, battery-operated devices where extending battery life is critical. --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Output Voltage** | 2.2V (Fixed) | | **Input Voltage Range** | 2.2V to 5.5V | | **Max Output Current** | 150 mA | | **Quiescent Current ($I_Q$)** | 615 nA (No load) | | **Dropout Voltage** | 120 mV @ 150 mA | | **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Features * **Ultra-Low Quiescent Current:** Consuming less than 1 µA under no-load conditions, it minimizes power drain during standby modes. * **Low Dropout (LDO):** Allows the device to maintain a stable 2.2V output even when the input voltage is very close to the output voltage. * **Stability with Small Capacitors:** Optimized for stability with tiny 1 µF ceramic input and output capacitors, saving PCB space. * **Safety Protections:** * **Overcurrent Protection:** Prevents damage during short circuits. * **Thermal Overload Protection:** Shuts down the device if it exceeds safe operating temperatures. --- ### 3. Pin Configuration (WLCSP) The device uses a compact 4-ball grid arrangement: | Pin | Symbol | Function | | :--- | :--- | :--- | | **A1** | VIN | Regulator Input Supply | | **A2** | VOUT | Regulated Output Voltage (2.2V) | | **B1** | EN | Enable Input (High = On, Low = Off) | | **B2** | GND | Ground | --- ### 4. Typical Application Circuit The following represents a basic implementation of the ADP166 in a circuit: ```text [Input 2.2V-5.5V] ----+----- [VIN] [VOUT] ----+---- [Output 2.2V] | | [C1: 1uF] [C2: 1uF] | [GND] | GND ----------+-------------- GND | [Enable Signal] ---------------- [EN] ``` --- ### 5. Common Use Cases * **Wearable Technology:** Smartwatches and fitness trackers requiring long standby times. * **IoT Sensors:** Remote wireless sensors powered by coin cell batteries. * **Portable Medical Devices:** Handheld diagnostic tools. * **Mobile Phones:** Subsidiary power rails for low-power sensors or always-on processors.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADP166 and ADP165 series?
    • ⤷ How does the ultra-low quiescent current affect the transient response of this LDO?
    • ⤷ What is the recommended layout practice for the 4-ball WLCSP package?