Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP1706ARDZ-3.3-R7

  • AI
    ## Technical Overview of ADP1706ARDZ-3.3-R7 The **ADP1706ARDZ-3.3-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed to provide a stable, low-noise power supply for sensitive electronic components. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices | | **Output Type** | Fixed | | **Output Voltage** | 3.3 V | | **Input Voltage Range** | 2.5 V to 5.5 V | | **Output Current** | 1.0 A (1000 mA) | | **Dropout Voltage** | 345 mV @ 1A | | **Package** | 8-Lead SOIC_N_EP (Exposed Pad) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Core Features * **High Current Capability:** Unlike many standard LDOs that cap at 150mA or 500mA, this part supports up to **1A**, making it suitable for FPGA cores and high-speed DSPs. * **Soft Start Feature:** It includes an internal soft-start that limits inrush current during startup, protecting the power source and the load. * **High PSRR:** It features a high Power Supply Rejection Ratio (PSRR), which filters out noise from the input power rail. * **Enable Input:** A dedicated `EN` pin allows the regulator to be turned on or off via logic signals, reducing standby power consumption. * **Thermal Protection:** Includes internal thermal overload protection and short-circuit current limit. --- ### 3. Pin Configuration (8-Lead SOIC) | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Regulator Input Supply. | | 2 | **VOUT** | Regulated 3.3V Output. | | 3 | **GND** | Ground. | | 4 | **NC** | No Connection. | | 5 | **EN** | Enable Input (Active High). | | 6 | **SS** | Soft Start Pin (Connect capacitor to adjust start time). | | 7 | **NC** | No Connection. | | 8 | **ADJ/NC** | Not connected for fixed versions (3.3V). | | EP | **PAD** | Exposed Pad (Connect to GND for heat dissipation). | --- ### 4. Part Number Breakdown * **ADP1706**: The base series number. * **ARDZ**: Indicates the package type (SOIC_N_EP) and RoHS compliance (Z). * **3.3**: The fixed output voltage (3.3V). * **R7**: Indicates Tape and Reel packaging (7-inch reel). --- ### 5. Application Example To use this regulator, you typically only need two capacitors: 1. **Input Capacitor ($C_{IN}$):** 4.7 µF ceramic. 2. **Output Capacitor ($C_{OUT}$):** 4.7 µF ceramic. ```text Input (2.5V-5.5V) ----[ C_IN ]---- VIN [ ADP1706-3.3 ] VOUT ----[ C_OUT ]---- Output (3.3V) | | GND EN (Logic High) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the SOIC_N_EP package?
    • ⤷ Can I use tantalum capacitors instead of ceramic for the output?
    • ⤷ How do I calculate the soft-start time using the SS pin?