Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP1706ARDZ-33-R7

  • AI
    The **ADP1706ARDZ-3.3-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable 3.3V output voltage from a higher input voltage while maintaining very low noise and high power supply rejection. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices | | **Output Voltage** | Fixed 3.3V | | **Max Output Current** | 1 Ampere (1A) | | **Input Voltage Range** | 2.5V to 5.5V | | **Dropout Voltage** | ~345 mV @ 1A load | | **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Functional Components and Pins The "ARDZ" designation indicates the SOIC package with an **Exposed Pad (EP)**. This pad is critical for thermal management, as it must be soldered to the PCB ground plane to dissipate heat generated during regulation. * **VIN (Input):** Connects to the power source. Requires a bypass capacitor (typically 4.7µF) to ensure stability. * **VOUT (Output):** Delivers the regulated 3.3V. Requires a high-quality ceramic capacitor for stability and transient response. * **EN (Enable):** A digital input. Driving this pin high turns the device on; pulling it low puts it into a low-power shutdown mode (<1µA). * **SS (Soft Start):** Allows for a controlled increase in output voltage during power-up, reducing inrush current. This is done by connecting a small capacitor between SS and GND. --- ### 3. Electronic Features #### Low Dropout (LDO) Operation The ADP1706 is an LDO, meaning it can maintain a 3.3V output even when the input voltage is very close to 3.3V (e.g., as low as ~3.65V). This makes it highly efficient for battery-powered applications. #### Protection Circuitry 1. **Thermal Overload Protection:** The device shuts down if the internal junction temperature exceeds 150°C. 2. **Short-Circuit Protection:** It includes current limiting to prevent damage if the output is shorted to ground. 3. **Reverse Current Protection:** Prevents current from flowing back from the output to the input, protecting upstream components. --- ### 4. Part Number Breakdown ```text ADP1706 A RDZ - 3.3 - R7 | | | | | | | | | +-- Packaging: 7-inch Tape and Reel | | | +-------- Output Voltage: 3.3 Volts | | +-------------- Package: SOIC with Exposed Pad | +------------------ Temperature Grade (-40°C to +125°C) +------------------------- Series Name (1A LDO) ``` --- ### 5. Common Applications * **Digital Signal Processors (DSPs):** Providing clean power to noise-sensitive processors. * **FPGAs/Microcontrollers:** Serving as a local point-of-load regulator. * **Medical Equipment:** High-reliability power regulation. * **Telecommunications:** Low-noise power for RF stages.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Exposed Pad' for heat dissipation in this specific package?
    • ⤷ How does the Soft Start (SS) capacitor value affect the startup time?
    • ⤷ What are the recommended values for the input and output capacitors to ensure stability?