Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP1707ARDZ-18-R7

  • AI
    ## Technical Overview of ADP1707ARDZ-1.8-R7 The **ADP1707ARDZ-1.8-R7** is a high-performance CMOS linear regulator (LDO) manufactured by Analog Devices. It is designed to provide a stable, low-noise voltage supply for sensitive electronic circuits. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 1.8V (Fixed) | | **Input Voltage Range** | 2.5V to 5.5V | | **Maximum Output Current** | 1 Ampere (1A) | | **Dropout Voltage** | 150 mV (typical at 1A load) | | **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) | | **PSRR** | 70 dB at 1 kHz | | **Accuracy** | ±1% at room temperature | --- ### 2. Functional Features * **Fixed Output:** This specific variant is factory-set to 1.8V, eliminating the need for external resistors to set the voltage. * **Soft Start:** Includes an internal soft-start function to limit inrush current during startup, protecting the power source and the load. * **Enable Pin (EN):** Allows the device to be turned on or off via a logic signal to reduce power consumption when the circuit is idle. * **Thermal and Overcurrent Protection:** Includes internal circuitry to prevent damage due to excessive heat or short-circuit conditions. * **Stability:** Optimized for use with small, low-ESR ceramic capacitors (minimum 4.7 µF). --- ### 3. Pin Configuration (8-Lead SOIC) | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | **VOUT** | Regulated output voltage (1.8V). | | 2, 3 | **NC** | No internal connection. | | 4 | **GND** | Ground reference. | | 5 | **EN** | Enable input (Active High). | | 6, 7 | **NC** | No internal connection. | | 8 | **VIN** | Unregulated input supply voltage. | | EP | **Exposed Pad** | Should be soldered to PCB ground for thermal dissipation. | --- ### 4. Typical Applications The ADP1707 series is commonly found in: * **Digital Signal Processors (DSPs)** and FPGA I/O rails. * **Mobile Handsets** and portable medical equipment. * **Post-regulation** for switching power supplies to reduce ripple. * **High-speed data converters** (ADCs/DACs) requiring clean power. --- ### 5. Part Number Breakdown (Suffixes) * **ARDZ:** Indicates the package (SOIC) and RoHS compliance (Lead-free). * **1.8:** Specifies the fixed 1.8V output. * **R7:** Refers to the packaging format (7-inch Tape and Reel, typically 1,000 units).
    ✨ Follow-up Questions
    • ⤷What is the thermal resistance (Theta-JA) for this specific SOIC package?
    • ⤷ Can the ADP1707 be used with an input voltage lower than 2.5V?
    • ⤷ What are the recommended values for the input and output capacitors?