Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP1707ARDZ-3.0-R7

  • AI
    ## Overview of ADP1707ARDZ-3.0-R7 The **ADP1707ARDZ-3.0-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed to provide a stable, low-noise power supply for sensitive analog and mixed-signal circuits. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of this specific component: | Parameter | Specification | | :--- | :--- | | **Output Voltage (Fixed)** | 3.0 V | | **Input Voltage Range** | 2.5 V to 5.5 V | | **Maximum Output Current** | 1 Amp (1000 mA) | | **Dropout Voltage** | 150 mV (Typical at 1A load) | | **PSRR (Power Supply Rejection Ratio)** | 70 dB at 1 kHz | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) | --- ### 2. Core Functional Features * **Soft Start (SS):** The device includes a programmable soft-start feature. By connecting a small capacitor to the SS pin, the user can control the start-up time, reducing in-rush current that could potentially damage other components. * **Tracking Mode:** This part allows the output voltage to track an external voltage, which is essential for power sequencing in multi-rail systems (like FPGAs or DSPs). * **Thermal and Overcurrent Protection:** It features internal thermal shutdown (TSD) and current limit protection to prevent the device from failing under fault conditions. * **Exposed Pad (EP):** The SOIC package includes an exposed thermal pad on the bottom. This must be soldered to the PCB ground plane to dissipate heat efficiently, allowing the chip to handle 1A of current without overheating. --- ### 3. Pin Configuration | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **VIN** | Input Voltage Supply | | 2 | **SS** | Soft Start Control (Connect capacitor to GND) | | 3 | **EN** | Enable Input (High = On, Low = Off) | | 4 | **GND** | Ground | | 5 | **NC/TRK** | No Connect or Tracking Input | | 6 | **SENSE** | Voltage Sense Input (Connect to VOUT) | | 7 | **VOUT** | Regulated Output Voltage (3.0V) | | 8 | **NC** | No Connect | | **EP** | **PAD** | Exposed Pad; must be connected to GND for thermal relief | --- ### 4. Typical Applications * **Digital Signal Processors (DSPs) & FPGAs:** Providing clean power to core or I/O rails. * **Medical Equipment:** Low-noise power for monitoring sensors. * **Telecommunications:** Powering optical modules and base station components. * **PCMCIA/USB Power:** High current delivery in a compact form factor.
    ✨ Follow-up Questions
    • ⤷ What is the recommended value for the soft-start capacitor in this circuit?
    • ⤷ How does the 'Tracking' function differ from the standard fixed voltage mode?
    • ⤷ What are the recommended input and output capacitor types for stability?