Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP1707ARDZ-3.3-R7

  • AI
    The **ADP1707ARDZ-3.3-R7** is a high-performance CMOS linear regulator (LDO) manufactured by Analog Devices. It is designed to provide a stable, low-noise voltage supply for sensitive electronic circuits. --- ## 1. Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 3.3V (Fixed) | | **Input Voltage Range** | 2.5V to 5.5V | | **Maximum Output Current** | 1 Amp (1000 mA) | | **Dropout Voltage** | 150 mV (at 1A load) | | **Quiescent Current** | 390 µA (Typical at full load) | | **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Key Features * **Soft Start:** Includes an internal soft-start capacitor to limit inrush current during startup, protecting the power source and the load. * **Tracking Mode:** Features a dedicated `TRK` pin that allows the output voltage to track an external voltage rail, useful for power sequencing in FPGAs or DSPs. * **High PSRR:** Excellent Power Supply Rejection Ratio (PSRR) makes it suitable for filtering noise from upstream switching regulators. * **Thermal Protection:** Includes thermal overload protection and short-circuit protection to prevent damage under fault conditions. * **Stability:** Specifically designed to be stable with small, low-ESR (Equivalent Series Resistance) ceramic output capacitors. --- ## 3. Package and Ordering Information The suffix **"ARDZ-3.3-R7"** provides specific details about the physical form: * **ARDZ:** Indicates the SOIC package with an exposed pad for enhanced thermal dissipation. * **3.3:** The fixed output voltage rating. * **R7:** Denotes the packaging format (7-inch Tape and Reel, typically containing 1,000 units). --- ## 4. Typical Application Circuit When designing with the ADP1707, a basic circuit requires minimal external components: ```text Input (2.5V-5.5V) ----[Cin: 4.7uF]----[ VIN ] [ VOUT ]----[Cout: 4.7uF]---- Output (3.3V) [ EN ] [ TRK ] [ GND ] [ NC ] ``` * **Cin:** A 4.7 µF ceramic capacitor is recommended for input stability. * **Cout:** A 4.7 µF ceramic capacitor ensures output stability and transient response. * **EN Pin:** Pull high to enable the device; pull low to enter shutdown mode (< 1 µA current).
    ✨ Follow-up Questions
    • ⤷ What are the thermal benefits of the 'Exposed Pad' in the SOIC package?
    • ⤷ How does the Tracking (TRK) pin function differently from the Enable pin?
    • ⤷ Can this LDO be used for noise-sensitive RF applications?