Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP1708ARDZ-R7

  • AI
    ## Overview of the ADP1708ARDZ-R7 The **ADP1708ARDZ-R7** is a CMOS, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to operate with high input voltages and provide a stable, low-noise output for various electronic applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.5V to 5.5V | | **Output Current** | Up to 1 Ampere | | **Output Voltage Type** | Adjustable (via external resistors) | | **Adjustable Output Range** | 0.8V to 5.0V | | **Dropout Voltage** | 345 mV (typical at 1A load) | | **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Pins and Descriptions The ADP1708 typically utilizes an 8-pin configuration to manage power conversion and protection: 1. **VIN**: Input Voltage supply. 2. **VOUT**: Regulated Output Voltage. 3. **ADJ**: Adjust pin used to set the output voltage via a resistor divider. 4. **EN**: Enable input (High = On, Low = Off). 5. **SS**: Soft Start pin (requires an external capacitor to limit inrush current). 6. **GND**: Ground reference. 7. **NC**: No internal connection. 8. **Exposed Pad**: Must be soldered to the PCB ground plane for thermal dissipation. --- ### 3. Core Features * **Soft Start Capability**: By connecting a capacitor to the SS pin, the device can control the ramp-up speed of the output voltage, preventing current spikes during startup. * **High Power Supply Rejection Ratio (PSRR)**: It effectively filters out noise from the input supply, making it suitable for sensitive analog circuits. * **Thermal and Current Protection**: Includes internal thermal shutdown and current limit protection to prevent damage under fault conditions. * **Low Quiescent Current**: Consumes minimal power (approx. 210 $\mu$A) when operational, which is beneficial for energy-efficient designs. --- ### 4. Typical Application Circuit To set the output voltage, the following formula is used based on the resistor divider connected to the **ADJ** pin: ```text VOUT = 0.8V * (1 + R1 / R2) ``` Where: - **R1** is the resistor between VOUT and ADJ. - **R2** is the resistor between ADJ and GND. --- ### 5. Common Use Cases * **Digital Signal Processors (DSPs)**: Providing clean power to core logic. * **FPGA Powering**: Handling high current requirements with low dropout. * **Medical Equipment**: Where low noise and high reliability are critical. * **Post-Regulation**: Used after switching regulators to "clean up" the voltage ripple.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the capacitor value for the Soft Start (SS) pin?
    • ⤷ What are the advantages of the Exposed Pad (EP) in the SOIC package?
    • ⤷ Can the ADP1708 be used in a fixed output voltage configuration?