AI

## ADP175ARMZ-2.5-R7 Overview
The **ADP175ARMZ-2.5-R7** is a **low dropout (LDO) linear voltage regulator** from Analog Devices. It converts a higher input voltage into a stable, fixed **2.5 V** output.
---
## Part Number Breakdown
| Segment | Meaning |
|---|---|
| **ADP175** | Product family: 150 mA CMOS LDO regulator |
| **A** | Grade / performance designation |
| **RM** | Package code: 8-lead MSOP (RM-8) |
| **Z** | RoHS-compliant (lead-free) |
| **-2.5** | Fixed output voltage: 2.5 V |
| **-R7** | Packaging: 7-inch tape and reel |
*Note: Confirm package and pin details against the official Analog Devices datasheet, since suffix conventions can vary by revision.*
---
## Key Electrical Specifications (Typical)
| Parameter | Typical Value |
|---|---|
| Input voltage range | 2.3 V to 5.5 V |
| Output voltage | 2.5 V (fixed) |
| Maximum output current | 150 mA |
| Dropout voltage | Low (about 100 to 150 mV at full load) |
| Quiescent current | Low (tens of µA) |
| Shutdown current | < 1 µA |
| Output accuracy | ±1% to ±2% (typical) |
---
## Pin Functions (8-lead MSOP)
| Pin Function | Description |
|---|---|
| **VIN** | Regulator input supply |
| **GND** | Ground reference |
| **EN** | Enable input: logic high turns the output on, logic low turns it off |
| **VOUT** | Regulated 2.5 V output |
| **NC** | No connection (leave unconnected) |
---
## Internal Blocks
### 1. Voltage Reference
Provides a stable, temperature-compensated reference voltage (bandgap).
### 2. Error Amplifier
Compares the feedback voltage with the reference and adjusts the pass device to keep the output constant.
### 3. PMOS Pass Transistor
A low-RDS(on) P-channel MOSFET that controls current from VIN to VOUT. Its low on-resistance enables the low dropout voltage.
### 4. Feedback Resistor Divider
Sets the 2.5 V output voltage (internal for fixed-output versions).
### 5. Protection Circuits
- **Current limit:** Limits output current under overload or short circuit.
- **Thermal shutdown:** Disables the output when the die overheats, then recovers automatically.
- **Reverse current protection:** Helps prevent damage when VOUT is pulled above VIN.
---
## Typical Application Circuit
```
VIN ----+----[ VIN ADP175 VOUT ]----+----> VOUT (2.5 V, up to 150 mA)
| | | |
C_IN GND | C_OUT
(1 µF) | | (1 µF)
| | | |
GND GND | GND
|
EN (tie to VIN for always-on)
```
**Recommended capacitors:**
- **Input:** 1 µF ceramic (X5R/X7R), placed close to VIN
- **Output:** 1 µF ceramic (X5R/X7R), placed close to VOUT
- Stable operation is typically assured with small ceramic capacitors, but check the datasheet for minimum capacitance and ESR requirements.
---
## Typical Applications
- Powering 2.5 V microcontrollers and sensors
- Supplying analog circuits that need a clean, low-noise rail
- Battery-powered devices (low quiescent current extends battery life)
- Post-regulation after switching converters
- Powering FPGA/CPLD core or I/O rails
---
## Design Tips
1. **Keep the input voltage above output plus dropout.** For 2.5 V output, VIN should be at least about 2.6 V to 2.7 V at full load.
2. **Watch power dissipation.** Power = (VIN − VOUT) × IOUT. For example, 5 V in, 2.5 V out, 150 mA gives about 375 mW, which may require thermal consideration in the MSOP package.
3. **Place capacitors close to pins** to maintain stability and reduce noise.
4. **Use EN** for power sequencing or to shut down the regulator for low standby current.
---
## Summary
The ADP175ARMZ-2.5-R7 is a compact, low-power, 2.5 V fixed LDO that delivers up to 150 mA with low dropout and quiescent current. Its built-in protection features make it suitable for many battery-powered and noise-sensitive designs.
- ⤷What is the maximum power dissipation for the ADP175 in an MSOP package?
- ⤷ How do I choose input and output capacitors for the ADP175?
- ⤷ How does the ADP175 compare to other 2.5 V LDO regulators?