Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP175ARMZ-R7

  • AI
    ## Technical Overview: ADP175ARMZ-R7 The **ADP175ARMZ-R7** is a high-performance, CMOS linear regulator (LDO) developed by Analog Devices. It is designed to operate with low input voltages and provide a stable, low-noise power supply for sensitive analog and digital circuits. --- ### 1. Key Specifications The following table highlights the primary electrical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Output Current** | 1.2 A (Maximum) | | **Input Voltage Range** | 1.6 V to 3.6 V | | **Fixed Output Voltage** | Available in versions from 0.75 V to 2.5 V | | **Dropout Voltage** | 105 mV (at 1.2 A load) | | **Quiescent Current** | 1.2 mA (at 1.2 A load) | | **PSRR** | 56 dB at 1 kHz | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | 8-lead MSOP (Mini Small Outline Package) | --- ### 2. Core Functional Components Internally, the ADP175 series consists of several critical electronic sub-circuits: 1. **Pass Transistor:** A PMOS pass element that allows for low dropout voltage and prevents base current flow, which keeps the ground current low. 2. **Reference Voltage:** A high-precision internal bandgap reference ensures the output remains stable despite temperature fluctuations. 3. **Error Amplifier:** Monitors the feedback from the output and adjusts the gate of the PMOS transistor to maintain regulation. 4. **Soft Start:** Includes circuitry to limit inrush current during startup. 5. **Protection Blocks:** * **Thermal Overload:** Shuts down the device if the junction temperature exceeds safe limits. * **Short-Circuit Protection:** Limits the current if the output is shorted to ground. --- ### 3. Application Circuitry To ensure stability, the ADP175 requires minimal external components. The use of **Low ESR Ceramic Capacitors** is mandatory. ```markdown Typical Configuration: - Input Capacitor (CIN): 4.7 µF (Ceramic) - Output Capacitor (COUT): 4.7 µF (Ceramic) - Enable (EN): Tied to VIN for "Always On" or driven by a GPIO. ``` --- ### 4. Advantages & Use Cases * **Low Heat Dissipation:** Due to the low dropout voltage, power wasted as heat is minimized ($P = (V_{in} - V_{out}) \times I_{load}$). * **Space Efficient:** The MSOP-8 package is ideal for compact PCB designs. * **Primary Applications:** * Point-of-load regulation for FPGAs and DSPs. * Medical imaging systems. * High-speed analog-to-digital converters (ADCs).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the fixed and adjustable versions of the ADP175?
    • ⤷ How does the dropout voltage change with lower output currents?
    • ⤷ What are the recommended PCB layout practices for thermal management with this MSOP-8 package?