Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP1765ACPZ1.25-R7

  • AI
    The **ADP1765ACPZ1.25-R7** is a high-performance, low dropout (LDO) linear regulator designed by Analog Devices. It is specifically engineered to provide a stable, low-noise power supply for noise-sensitive components like FPGAs, DSPs, and high-speed ADCs. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 1.25 V (Fixed) | | **Input Voltage Range** | 1.10 V to 1.98 V | | **Maximum Output Current** | 5 A | | **Dropout Voltage** | 59 mV (typical at 5A load) | | **PSRR (Power Supply Rejection Ratio)** | 69 dB at 1 kHz; 35 dB at 1 MHz | | **Output Noise** | 2 μV rms (10 Hz to 100 kHz) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | 16-lead LFCSP (Lead Frame Chip Scale Package) | --- ### 2. Core Functional Blocks The ADP1765 architecture includes several critical electronic stages to ensure high performance: * **Ultra-Low Noise Reference:** A specialized internal voltage reference that minimizes output noise, making it suitable for RF and precision analog applications. * **External Soft Start (SS):** Allows the user to program the start-up time using an external capacitor. This limits inrush current during power-up. * **Power Good (PG) Pin:** An open-drain output that signals when the output voltage has reached 90% of its nominal value. * **Error Amplifier:** High-speed circuitry that reacts quickly to load transients to maintain a steady 1.25V output. --- ### 3. Application Use Cases Due to its high current capability and low noise profile, this part is commonly found in: 1. **Optical Modules:** Powering laser drivers and clock recovery units. 2. **Instrumentation:** Precision measurement tools requiring "clean" power rails. 3. **Computing:** High-speed I/O rails for modern processors where voltage tolerances are tight. --- ### 4. Circuit Implementation Example To operate the ADP1765 correctly, minimal external components are required. Below is a simplified representation of the typical pin configuration: ```cpp // Typical Hardware Setup V_IN ---> [VIN Pins 1-4] ---- (ADP1765) ---- [VOUT Pins 9-12] ---> V_OUT (1.25V) | | [CIN 22uF] [COUT 22uF] | | GND ---------+-----------------------------------+---------- GND ``` --- ### 5. Part Number Breakdown: `ADP1765ACPZ1.25-R7` * **ADP1765:** Base model number (5A LDO). * **ACPZ:** Indicates Lead-free (RoHS compliant) LFCSP package. * **1.25:** Specifies the fixed output voltage (1.25 Volts). * **R7:** Packaging format (7-inch Reel, usually containing 1,500 units).
    ✨ Follow-up Questions
    • ⤷ What are the thermal considerations for the 16-lead LFCSP package at 5A load?
    • ⤷ How does the Soft Start (SS) capacitor value affect the startup timing?
    • ⤷ Can this LDO be used with an input voltage higher than 2V?