Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP1870ARMZ-0.3-R7

  • AI
    ## Overview: ADP1870ARMZ-0.3-R7 The **ADP1870ARMZ-0.3-R7** is a high-performance, synchronous buck (step-down) DC-to-DC controller. Manufactured by Analog Devices, it is designed for high efficiency and fast transient response in power management applications. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices | | **Controller Type** | Constant On-Time (COT) Synchronous Buck | | **Input Voltage Range** | 3.0 V to 20 V | | **Output Voltage Range** | 0.6 V to 0.85 × $V_{IN}$ | | **Frequency** | 300 kHz (fixed) | | **Package** | 10-Lead MSOP | | **Operating Temperature** | -40°C to +125°C | --- ### Core Features and Functions * **Constant On-Time (COT) Control**: This architecture provides an ultra-fast response to line and load transients. It eliminates the need for complex external compensation components, simplifying the design process. * **Synchronous Rectification**: By driving two N-channel MOSFETs, the controller reduces power loss compared to diode-based rectification, significantly increasing overall efficiency. * **Power Saving Mode (PSM)**: At light loads, the device can enter a power-saving mode to maintain high efficiency by reducing switching losses. * **Integrated Driver**: It includes high-current gate drivers capable of driving large external MOSFETs for high-current applications. * **Soft Start**: Includes an internal soft-start timer to prevent inrush current during power-up. --- ### Typical Application Circuit The ADP1870 requires a few external components to function, primarily MOSFETs, an inductor, and input/output capacitors. ```mermaid graph LR Vin(Input Voltage) --> Q1[High-Side MOSFET] Q1 --> L1[Inductor] L1 --> Vout(Output Voltage) Q2[Low-Side MOSFET] --- Q1 IC[ADP1870] -->|Gate Drive| Q1 IC -->|Gate Drive| Q2 Vout -->|Feedback| IC ``` --- ### Part Number Breakdown (ADP1870ARMZ-0.3-R7) 1. **ADP1870**: The base model series. 2. **ARMZ**: Indicates the package type (10-lead MSOP) and RoHS compliance (Z). 3. **0.3**: Refers to the fixed switching frequency of **300 kHz**. (Other versions exist for 600 kHz and 1 MHz). 4. **R7**: Indicates the packaging format (7-inch Reel, typically containing 1,000 units). --- ### Applications * Telecommunications and Networking equipment. * High-end Consumer Electronics. * Set-top boxes and Gaming consoles. * Industrial Power Supplies.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the 300 kHz
    • ⤷ 600 kHz
    • ⤷ and 1 MHz versions of the ADP1870?
    • ⤷ How do I calculate the inductor value for a 5V output using this controller?
    • ⤷ Can the ADP1870 be used in a multi-phase configuration for higher current?