Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP1871ARMZ-1.0-R7

  • AI
    The **ADP1871ARMZ-1.0-R7** is a high-performance, synchronous buck (step-down) controller manufactured by Analog Devices. It is designed for point-of-load (POL) power supplies where efficiency and fast transient response are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Topology** | Buck (Step-Down) | | **Control Method** | Constant On-Time (COT) | | **Input Voltage Range** | 3.25 V to 20 V | | **Output Voltage Range** | 0.6 V to 0.85 × Vin | | **Switching Frequency** | 1.0 MHz | | **Package** | 10-MSOP (Micro Small Outline Package) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Description The ADP1871 is a **controller**, not a regulator. This means it contains the "brains" (logic, feedback, and drivers) but requires external N-channel MOSFETs to handle the actual power switching. #### A. Constant On-Time (COT) Architecture Unlike traditional pulse-width modulation (PWM) controllers that rely on a fixed clock, the ADP1871 uses a COT architecture. - **Benefit:** It provides a "pseudo-fixed" frequency but allows for near-instantaneous adjustment during load steps. - **Advantage:** No complex compensation networks are required, simplifying the design process. #### B. Synchronous Rectification The device drives two external N-channel MOSFETs (High-Side and Low-Side). Using a MOSFET instead of a diode for the low-side switch significantly reduces power loss, leading to efficiencies often exceeding 95%. #### C. Power Saving Mode The "1.0" in the part number indicates the 1.0 MHz frequency version. At light loads, the ADP1871 can transition into a pulse-skipping mode to conserve battery life or improve efficiency in standby states. --- ### 3. Pin Configuration (10-MSOP) | Pin | Name | Description | | :--- | :--- | :--- | | 1 | **BST** | Bootstrap pin for the high-side gate driver. | | 2 | **DH** | Drive High-side MOSFET gate. | | 3 | **SW** | Switch node connection. | | 4 | **DL** | Drive Low-side MOSFET gate. | | 5 | **PGND** | Power ground. | | 6 | **FB** | Feedback input for voltage regulation. | | 7 | **COMP/EN** | Compensation and Enable pin. | | 8 | **VIN** | Input voltage supply. | | 9 | **VREG** | Internal LDO output (usually 5V) for gate drive power. | | 10 | **RES** | Reserved/Frequency setting pin. | --- ### 4. Application Areas * **Telecommunications:** Base stations and networking equipment. * **Medical Equipment:** High-efficiency power modules. * **Computing:** Servers, storage, and high-end workstations. * **Industrial:** Distributed power systems requiring 12V to 1V-5V conversion. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the 300kHz
    • ⤷ 600kHz
    • ⤷ and 1.0MHz versions of this IC?
    • ⤷ How do you calculate the output inductor value for an ADP1871 design?
    • ⤷ What external MOSFETs are recommended for use with the ADP1871?