Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP1882ARMZ-0.6-R7

  • AI
    ## Overview of ADP1882ARMZ-0.6-R7 The **ADP1882ARMZ-0.6-R7** is a high-performance, synchronous step-down (buck) DC-to-DC controller manufactured by Analog Devices. It is designed to drive N-channel power MOSFETs to convert a high input voltage to a lower output voltage with high efficiency. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Topology** | Step-Down (Buck) Controller | | **Input Voltage Range** | 2.75 V to 20 V | | **Output Voltage** | Fixed at 0.6 V (Feedback Reference) | | **Switching Frequency** | 300 kHz (Internal) | | **Operating Temperature** | -40°C to +125°C | | **Package / Case** | 8-MSOP (Mini Small Outline Package) | | **Control Method** | Constant On-Time (COT) | --- ### Core Functional Features 1. **Constant On-Time (COT) Architecture:** The device uses a proprietary emulated current-mode COT architecture. This provides a very fast transient response to load changes while maintaining a relatively constant switching frequency. 2. **Synchronous Rectification:** It drives two external N-channel MOSFETs. Using a synchronous bottom switch instead of a diode significantly improves efficiency, especially at high load currents. 3. **Power Saving Mode:** At light loads, the controller can operate in a pulse-frequency modulation (PFM) mode to reduce switching losses and extend battery life in portable applications. 4. **Integrated Drivers:** The chip includes powerful gate drivers capable of driving large external MOSFETs, which allows it to handle output currents typically ranging from 5A to over 20A (depending on the external FETs chosen). --- ### Pin Configuration Summary | Pin Name | Function | | :--- | :--- | | **VREG** | Internal Regulator Output. | | **BST** | Bootstrap pin for the high-side MOSFET driver. | | **TG** | Top-gate driver output. | | **SW** | Switch node connection. | | **BG** | Bottom-gate driver output. | | **PGND** | Power Ground. | | **FB** | Feedback input (regulated to 0.6V). | | **EN/VCC** | Enable input and Logic Power. | --- ### Typical Applications * Telecom and Networking equipment. * Set-top boxes and Base stations. * Point-of-Load (POL) power supplies. * Computing and Industrial servers. --- ### Part Number Breakdown * **ADP1882:** Device Family (Sync Buck Controller). * **ARMZ:** Package type (MSOP) and RoHS compliance. * **0.6:** Indicates the 0.6V reference voltage. * **R7:** Indicates 7-inch Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What are the recommended external MOSFETs for this controller at 10A load?
    • ⤷ How does the Constant On-Time architecture compare to standard PWM control?
    • ⤷ Can this controller be used for an output voltage higher than 0.6V?