Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP1883ARMZ-0.3-R7

  • AI
    The **ADP1883ARMZ-0.3-R7** is a high-performance, synchronous step-down (buck) DC-DC controller manufactured by Analog Devices. It is designed to drive N-channel MOSFETs and is optimized for high-efficiency power conversion in industrial and networking applications. --- ## 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Type** | Synchronous Buck Controller | | **Input Voltage Range** | 2.25 V to 20 V | | **Output Voltage Range** | 0.8 V to 0.85 × $V_{IN}$ | | **Switching Frequency** | 300 kHz (indicated by the "-0.3" suffix) | | **Operating Current** | 1.1 mA (typical) | | **Package Type** | 10-Lead MSOP (Micro Small Outline Package) | | **Topology** | Constant On-Time (COT) with Emulated Ripple | --- ## 2. Core Functional Components The ADP1883 integrates several critical electronic systems to ensure stable power delivery: ### Constant On-Time (COT) Architecture Unlike standard PWM controllers, the ADP1883 uses a COT architecture. This provides: * **Ultra-fast transient response:** It reacts almost instantly to load changes. * **No compensation required:** Simplifies the design process by eliminating the need for complex external RC compensation networks. ### Power Saving Mode (PSM) The "ADP1883" variant (as opposed to the ADP1882) features a pulse-skipping mode. At light loads, the controller reduces switching frequency to maintain high efficiency, extending battery life or reducing heat in standby states. ### Integrated Drivers The chip includes built-in gate drivers capable of driving large external N-channel MOSFETs, allowing it to handle output currents ranging from **5A to over 20A**, depending on the external components chosen. --- ## 3. Pin Configuration & Symbols Below is a brief description of the critical pins found on the 10-lead MSOP: * **BST (Boost):** High-side gate drive boost input. * **SW (Switch):** Switch node connection point. * **VREG:** Internal regulator output (typically 5V) to power internal logic. * **FB (Feedback):** Monitors output voltage via a resistor divider. * **EN (Enable):** Logic-level input to turn the device on or off. --- ## 4. Part Number Breakdown Understanding the suffix nomenclature is essential for procurement: | Suffix | Meaning | | :--- | :--- | | **ARMZ** | Package designator (MSOP) and RoHS compliance (Z). | | **0.3** | Set switching frequency of **300 kHz**. | | **R7** | Packaging format: **7-inch Reel** (typically 1,000 units). | --- ## 5. Typical Application Circuit ```spice [Input 12V] --- [ADP1883] --- [High-side MOSFET] --- [Inductor] --- [Output 1.2V] | | | | [Low-side MOSFET] | |_________________|________________| | [Ground] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADP1882 and the ADP1883?
    • ⤷ How do I calculate the output voltage using the FB pin resistors?
    • ⤷ What is the maximum output current this controller can support?