Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP1883ARMZ-0.6-R7

  • AI
    The **ADP1883ARMZ-0.6-R7** is a high-performance, synchronous step-down (buck) DC-DC controller developed by Analog Devices. It is designed for point-of-load applications requiring high efficiency and fast transient response. --- ### ## Technical Specifications The following table summarizes the key electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Type** | Synchronous Buck Controller | | **Input Voltage Range** | 2.75 V to 20 V | | **Output Voltage (Fixed)** | 0.6 V | | **Switching Frequency** | 600 kHz | | **Topology** | Constant On-Time (COT) | | **Operating Temperature** | -40°C to +125°C | | **Package** | 10-Lead MSOP | | **Mounting Type** | Surface Mount | --- ### ## Core Features 1. **Constant On-Time (COT) Architecture:** * This provides a very fast response to sudden changes in load current (transients). * It maintains a relatively constant frequency while eliminating the need for complex external compensation networks. 2. **Synchronous Rectification:** * It drives two N-channel MOSFETs. By using a MOSFET instead of a diode for the lower switch, it significantly reduces power loss and increases efficiency. 3. **Power Saving Mode:** * The device operates in "pulse-frequency modulation" (PFM) at light loads, which saves power and extends battery life in portable applications. 4. **Integrated Drivers:** * The chip includes the gate drivers necessary to switch the external MOSFETs, simplifying the PCB layout. --- ### ## Pin Configuration (10-Lead MSOP) The ADP1883 manages power through specific functional pins: * **VREG:** Internal regulator output for powering internal circuitry. * **EN:** Enable pin; pulling this high turns the device on. * **SW:** Switching node connection (to the inductor). * **BST:** Boost pin for the high-side MOSFET driver. * **PGND / AGND:** Power and Analog ground paths to isolate noise. * **FB:** Feedback pin used to monitor and regulate the output voltage. --- ### ## Typical Applications * **Computing:** Server and base station power supplies. * **Communications:** Networking equipment and routers. * **Industrial:** High-density point-of-load regulators. * **Consumer:** Set-top boxes and high-end gaming consoles. --- ### ## Part Number Breakdown * **ADP1883:** The base model series. * **ARMZ:** Indicates the package type (MSOP) and RoHS compliance (Z). * **0.6:** Specifies the fixed output voltage (0.6 V). * **R7:** Refers to the Tape and Reel packaging size (7-inch reel).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADP1882 and ADP1883 versions?
    • ⤷ How do I calculate the inductor value for a circuit using this controller?
    • ⤷ Can this part be used for output voltages higher than 0.6V using a voltage divider?