Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP1883ARMZ-1.0-R7

  • AI
    The **ADP1883ARMZ-1.0-R7** is a high-performance, synchronous step-down (buck) DC-to-DC controller manufactured by Analog Devices. It is designed to drive N-channel power MOSFETs to convert high input voltages to lower output voltages with high efficiency. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.25 V to 20 V | | **Output Voltage Range** | 0.8 V to 0.85 × $V_{IN}$ | | **Switching Frequency** | 1.0 MHz (Fixed) | | **Architecture** | Constant On-Time (COT) | | **Package** | 10-lead MSOP | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Components The "Electronic Parts" within and associated with this IC include several critical sub-systems: #### A. The Controller IC Architecture * **Constant On-Time (COT) Logic:** Unlike traditional PWM controllers, this uses COT with valley current limiting. This allows for an extremely fast transient response to sudden load changes. * **Gate Drivers:** Integrated high-side and low-side drivers designed to toggle external N-channel MOSFETs. * **Soft Start Circuitry:** Limits the inrush current during power-up to prevent voltage overshoots. #### B. External Required Components (BOM) To function, the ADP1883 requires several external discrete parts: 1. **Power MOSFETs:** Two N-channel FETs (High-side and Low-side). 2. **Inductor:** Stores energy during the switching cycle. 3. **Input/Output Capacitors:** Filter the voltage and provide stability. 4. **Resistor Divider:** Connected to the `FB` (Feedback) pin to set the desired output voltage. --- ### 3. Pin Configuration Highlights | Pin | Name | Description | | :--- | :--- | :--- | | **1** | **FB** | Feedback input for output voltage regulation. | | **2** | **PGOOD** | Power Good open-drain output signal. | | **3** | **EN** | Enable input to turn the device on/off. | | **7** | **DL** | Drive signal for the external low-side MOSFET. | | **9** | **DH** | Drive signal for the external high-side MOSFET. | | **10** | **BST** | Bootstrap pin to provide high-side gate drive voltage. | --- ### 4. Part Number Decoder (ADP1883ARMZ-1.0-R7) * **ADP1883:** Core Model (Synchronous Buck Controller). * **ARMZ:** Indicates the 10-lead MSOP package and RoHS compliance. * **1.0:** Denotes the fixed **1.0 MHz** switching frequency. * **R7:** Indicates the packaging format (7-inch Reel, typically 1,000 units). --- ### 5. Typical Applications * Telecommunications and Networking equipment. * Set-top boxes and Base stations. * High-end consumer electronics requiring efficient power conversion from 12V or 5V rails.
    ✨ Follow-up Questions
    • ⤷ How does the 1.0 MHz frequency affect the selection of the external inductor and capacitors?
    • ⤷ What is the advantage of the Constant On-Time (COT) architecture over standard PWM?
    • ⤷ Can this controller be used for applications requiring more than 20A of current?