Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP196ACPZN-R7

  • AI
    The **ADP196ACPZN-R7** is a high-side load switch designed for efficient power domain isolation and power management in portable electronics. It is manufactured by Analog Devices (ADI). --- ## 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 1.1 V to 5.5 V | | **Continuous Current** | 3.0 A (Maximum) | | **On-Resistance ($R_{ON}$)** | 27 mΩ (at 1.8 V) | | **Quiescent Current** | 1.0 µA (Typical) | | **Package** | 6-lead LFCSP (Lead Frame Chip Scale Package) | | **Operating Temp** | -40°C to +85°C | --- ## 2. Key Components and Features ### A. Power MOSFET The core of the device is a low-resistance **N-channel MOSFET**. Unlike P-channel switches, N-channel MOSFETs used as high-side switches require a charge pump (internal to the ADP196) to drive the gate voltage above the input voltage, ensuring the lowest possible $R_{ON}$. ### B. Controlled Soft Start To prevent **inrush current** (which can cause voltage drops on the main power rail when a peripheral is turned on), the ADP196 includes an internal circuitry that controls the "turn-on" slew rate. ### C. Shutdown and Logic - **Enable (EN) Pin:** High-level logic turns the switch on. - **Low Standby Current:** When disabled, the device draws less than 1 µA, making it ideal for battery-powered devices. --- ## 3. Typical Application Circuit The ADP196 is typically used between a battery or regulator and a specific subsystem (like a Wi-Fi module or Camera). ```mermaid graph LR Vin[Power Rail 1.8V] -->|IN| ADP196[ADP196 Load Switch] Control[Microcontroller] -->|Enable| ADP196 ADP196 -->|OUT| Peripheral[Subsystem/Load] GND --- ADP196 ``` --- ## 4. Usage Considerations 1. **Thermal Management:** While it handles 3A, the small LFCSP package requires proper PCB copper pour under the thermal pad to dissipate heat. 2. **Capacitance:** A minimum $1 \mu F$ bypass capacitor is recommended on the input to handle switching transients. 3. **Voltage Drop:** Because of the $27 m\Omega$ resistance, there will be a small voltage drop calculated as $V_{drop} = I_{load} \times R_{ON}$. At 1A, the drop is approximately $27mV$.
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the ADP196 and a standard P-channel MOSFET switch?
    • ⤷ How does the 'Quick Output Discharge' feature function in load switches?
    • ⤷ Can the ADP196 be used for power sequencing in multi-rail systems?