Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP1972ARUZ-R7

  • AI
    ## ADP1972ARUZ-R7: Technical Overview The **ADP1972ARUZ-R7** is a high-performance, precision buck (step-down) controller designed by Analog Devices. It is specifically engineered to control external N-channel MOSFETs in battery testing and chemical processing applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Package Type** | 16-Lead TSSOP (Thin Shrink Small Outline Package) | | **Operating Voltage (VCC)** | 6V to 60V | | **Topology** | Synchronous Buck Controller | | **Configuration** | Constant Current (CC) / Constant Voltage (CV) | | **Feedback Accuracy** | 0.5% (Typical) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Description The ADP1972 acts as the "brain" of a power conversion circuit. Unlike a simple regulator, it does not include the power switches (MOSFETs) internally; instead, it provides the logic and gate driving signals to control external components. * **CC/CV Mode Control:** It is optimized for battery charging/discharging. It can seamlessly transition between Constant Current (fast charging) and Constant Voltage (trickle/top-off charging). * **PWM Generation:** It uses Pulse Width Modulation to maintain stable output despite fluctuations in input voltage or load. * **Precision Sensing:** It includes high-precision instrumentation amplifiers for sensing current and voltage, which is critical for accurate battery formation and grading. --- ### 3. Application Areas The ADP1972 is primarily found in industrial-grade energy management systems: 1. **Battery Cell Formation & Testing:** Used in factories to charge/discharge new battery cells for the first time to stabilize their chemistry. 2. **Battery Recycling Systems:** Efficiently managing the discharge of old batteries. 3. **High-Precision Power Supplies:** For laboratory environments requiring tight regulation. --- ### 4. Comparison: ADP1972 vs. Standard PWM Controllers | Feature | Standard Buck Controller | ADP1972 | | :--- | :--- | :--- | | **Primary Goal** | Powering a CPU/FPGA | Precise Battery Management | | **Feedback Loop** | Voltage focus | Dual Voltage and Current focus | | **Efficiency** | High | Very High (optimized for external FETs) | | **Complexity** | Simple | High (Requires external sense resistors) | --- ### 5. Part Number Suffix Breakdown * **ADP1972**: Base part number. * **ARUZ**: A = Temperature range (-40 to +125°C); RU = TSSOP package; Z = RoHS Compliant (Lead-free). * **R7**: Indicates the packaging format (7-inch Reel, typically containing 1,000 units).
    ✨ Follow-up Questions
    • ⤷ What are the typical external MOSFETs recommended for use with the ADP1972?
    • ⤷ How does the ADP1972 handle over-temperature and short-circuit protection?
    • ⤷ Can this controller be used in bi-directional power conversion applications?