Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP197ACBZ-R7

  • AI
    ## Technical Overview of ADP197ACBZ-R7 The **ADP197ACBZ-R7** is a high-side load switch manufactured by Analog Devices. It is designed to operate at low voltages and high currents, making it ideal for power domain isolation in portable electronics. --- ### 1. Key Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Input Voltage Range** | 1.8 V to 5.5 V | | **Maximum Continuous Current** | 2.0 A | | **On-Resistance ($R_{DS(ON)}$)** | Typical 12 mΩ at 5.0 V | | **Quiescent Current** | 10 μA (Typical) | | **Shutdown Current** | < 1 μA | | **Package Type** | 6-ball WLCSP (0.95 mm x 1.45 mm) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Functional Parts The internal architecture of the ADP197 consists of several critical stages: 1. **P-Channel MOSFET:** The heart of the device. It acts as the switch between the input (VIN) and output (VOUT). Its low on-resistance minimizes power loss and voltage drops. 2. **Charge Pump:** Since the device is a high-side switch, an internal charge pump or level shifter is used to ensure the gate of the MOSFET is driven correctly to achieve the lowest possible resistance. 3. **Control Logic (EN Pin):** A logic-high signal on the Enable pin activates the switch. It is compatible with standard GPIO voltages (1.8V, 2.5V, 3.3V). 4. **Slew Rate Control:** This internal circuitry prevents "Inrush Current" by controlling how fast the switch turns on, protecting the upstream power supply from sudden voltage dips. --- ### 3. Application Use Cases * **Mobile Devices:** Switching off power to cameras, Wi-Fi modules, or GPS chips when not in use to extend battery life. * **Power Sequencing:** Ensuring different hardware components power up in a specific order. * **USB Port Protection:** Managing power delivery to peripheral devices. --- ### 4. Typical Application Circuit ```mermaid graph LR A[Power Supply 1.8V-5.5V] -->|VIN| B(ADP197 Switch) C[Microcontroller GPIO] -->|EN| B B -->|VOUT| D[Peripheral/Load] B --- E[GND] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the low Rds(on) in this specific load switch?
    • ⤷ How does the ADP197 handle inrush current during startup?
    • ⤷ What are the footprint advantages of the WLCSP package used for this part?