Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP2106ACPZ-3.3-R7

  • AI
    The **ADP2106ACPZ-3.3-R7** is a high-efficiency, monolithic, synchronous step-down (buck) DC-to-DC converter manufactured by Analog Devices. It is designed to regulate a higher input voltage down to a stable 3.3V output for compact electronic devices. --- ### ## Technical Specifications The following table highlights the core electrical characteristics of the ADP2106 series: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.3V to 5.5V | | **Output Voltage (Fixed)** | 3.3 V | | **Output Current** | Up to 1.5 A | | **Switching Frequency** | 1.2 MHz | | **Efficiency** | Up to 95% | | **Package Type** | LFCSP-16 (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | --- ### ## Key Electronic Features 1. **Synchronous Rectification:** The device integrates both a main switch and a synchronous rectifier (Internal MOSFETs). This eliminates the need for an external Schottky diode, reducing part count and increasing efficiency. 2. **High Switching Frequency:** Operating at **1.2 MHz** allows for the use of very small inductors and ceramic capacitors, which is critical for space-constrained designs like smartphones or portable medical devices. 3. **Power Saving Mode (PSM):** At light loads, the controller automatically transitions from PWM (Pulse Width Modulation) to PFM (Pulse Frequency Modulation). This significantly reduces the quiescent current and extends battery life. 4. **Internal Compensation:** The feedback loop compensation is handled internally. This simplifies the circuit design, as engineers do not need to calculate or place external resistors and capacitors to stabilize the power loop. 5. **Protection Circuitry:** * **Undervoltage Lockout (UVLO):** Prevents the device from operating until the input voltage reaches a valid threshold. * **Thermal Shutdown:** Protects the chip from overheating. * **Short-Circuit Protection:** Limits current to prevent damage during a fault. --- ### ## Typical Application Circuit To use this part, a minimal number of external components are required: ```text Input (2.3V-5.5V) ----[Cin]----(VIN Pin) | [ADP2106-3.3]----(SW Pin)---[Inductor]---(VOUT 3.3V) | | (Enable Signal)--------(EN Pin) [Cout] | | (GND)--------------------------(GND) ``` ### ## Decoding the Part Number * **ADP2106:** Product Series (1.5A Buck Regulator). * **ACPZ:** Plastic Leadless Chip Carrier (LFCSP package), RoHS compliant. * **3.3:** Fixed 3.3V output version. * **R7:** Packaging format (7-inch reel, usually containing 1,500 units).
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the inductor and output capacitor for this specific 3.3V model?
    • ⤷ How does the efficiency of the ADP2106 compare to an LDO for a 5V to 3.3V conversion?
    • ⤷ Can the ADP2106ACPZ be used in an adjustable output configuration instead of fixed?