Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP2108ACBZ-2.5-R7

  • AI
    ## ADP2108ACBZ-2.5-R7: Technical Overview The **ADP2108ACBZ-2.5-R7** is a high-efficiency, low quiescent current, step-down (buck) DC-to-DC converter manufactured by Analog Devices. It is specifically designed for portable applications where space and power efficiency are critical. --- ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Output Voltage (Fixed)** | 2.5 V | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Maximum Output Current** | 600 mA | | **Switching Frequency** | 3 MHz | | **Package Type** | WLCSP (5-ball Wafer Level Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | | **Efficiency** | Up to 95% | --- ### 2. Core Functional Features * **High Switching Frequency:** The 3 MHz frequency allows the use of tiny multilayer inductors and capacitors, significantly reducing the overall PCB footprint. * **Power Saving Mode (PSM):** At light loads, the device automatically transitions from PWM (Pulse Width Modulation) to PFM (Pulse Frequency Modulation) to maintain high efficiency. * **Internal Compensation:** The control loop is internally compensated, minimizing the need for external components and simplifying the design process. * **Protection Circuitry:** Includes features such as: * Undervoltage Lockout (UVLO) * Soft-start (to prevent inrush current) * Thermal Shutdown * Short-circuit protection --- ### 3. Pin Configuration (5-Ball WLCSP) | Ball | Name | Function | | :--- | :--- | :--- | | **A1** | VIN | Input Voltage supply (2.3V to 5.5V). | | **A2** | SW | Switch Node; connected to the output inductor. | | **B1** | EN | Enable Input. High = On, Low = Off. | | **B2** | FB / VOUT | Feedback input for fixed versions; connects to the output. | | **C2** | GND | Ground reference. | --- ### 4. Typical Applications This component is commonly found in battery-powered mobile devices, including: * Smartphones and PDAs * Wireless Handsets * Portable Media Players * Low-voltage Digital LDO replacements --- ### 5. Part Number Breakdown * **ADP2108:** Base series number. * **ACBZ:** Package designator (WLCSP). * **2.5:** Fixed output voltage of 2.5 Volts. * **R7:** Packaging suffix (7-inch reel containing 3,000 units).
    ✨ Follow-up Questions
    • ⤷What are the recommended external inductor values for this specific 3MHz converter?
    • ⤷ How does the ADP2108 compare to the ADP2109 in terms of efficiency?
    • ⤷ Can this part be used for an adjustable output voltage instead of the fixed 2.5V?