Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP2108ACBZ-3.0-R7

  • AI
    The **ADP2108ACBZ-3.0-R7** is a high-efficiency, low quiescent current, step-down (buck) DC-to-DC converter manufactured by Analog Devices. It is specifically designed for portable applications where space is limited and battery life is critical. --- ### ## 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Input Voltage Range** | 2.3V to 5.5V | | **Output Voltage (Fixed)** | 3.0V | | **Output Current** | 600 mA (Maximum) | | **Switching Frequency** | 3 MHz | | **Package Type** | WLCSP (Wafer Level Chip Scale Package) | | **Pin Count** | 5-ball | | **Efficiency** | Up to 95% | --- ### ## 2. Core Features * **High Switching Frequency:** Operating at 3 MHz allows the use of tiny, low-profile inductors and capacitors, reducing the overall PCB footprint. * **Power Saving Mode:** At light loads, the device automatically transitions from PWM (Pulse Width Modulation) to PFM (Pulse Frequency Modulation) to maintain high efficiency. * **Internal Compensation:** It features internal compensation and a soft-start circuit to minimize the count of external components. * **Protection Circuitry:** Includes undervoltage lockout (UVLO), short-circuit protection, and thermal shutdown. --- ### ## 3. Pin Configuration (5-Ball WLCSP) | Ball | Name | Function | | :--- | :--- | :--- | | A1 | **VIN** | Input Voltage Supply (2.3V to 5.5V). | | A2 | **SW** | Switch Node; connected to the external inductor. | | B1 | **EN** | Enable Input. High = On, Low = Off. | | B2 | **GND** | Ground reference. | | C2 | **VOUT** | Output Voltage Feedback/Sense node (3.0V). | --- ### ## 4. Application Circuit Example To operate the ADP2108, only three external components are typically required: 1. **Input Capacitor ($C_{IN}$):** Usually 4.7µF ceramic. 2. **Output Capacitor ($C_{OUT}$):** Usually 4.7µF or 10µF ceramic. 3. **Inductor ($L$):** Typically 1.0µH to 2.2µH. ```text Input (2.3V-5.5V) ----[ CIN ]---- VIN | [ADP2108] ---- SW ---- [ Inductor ] ---- Output (3.0V) | | GND ------------------ [ COUT ] ``` --- ### ## 5. Typical Applications * Mobile phones and smartphones. * Wireless USB dongles. * Personal health care devices. * Low-power handheld instruments.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the fixed output and adjustable versions of the ADP2108?
    • ⤷ How does the 3 MHz switching frequency impact the selection of the external inductor?
    • ⤷ What is the quiescent current consumption of this device in shutdown mode?