Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP2118ACPZ-R7

  • AI
    The **ADP2118ACPZ-R7** is a high-efficiency, synchronous step-down (buck) DC-to-DC regulator manufactured by Analog Devices. It is designed to convert a higher input voltage to a lower output voltage with minimal power loss. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Output Current** | Up to 3 A | | **Output Voltage** | Adjustable (0.6 V to $V_{IN}$) or Fixed (1.0V to 3.3V) | | **Switching Frequency** | 600 kHz or 1.2 MHz (Selectable) | | **Efficiency** | Up to 95% | | **Package** | 16-lead LFCSP (Lead Frame Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Components The ADP2118 integrates several critical electronic parts into a single silicon chip to reduce external component count: * **Integrated MOSFETs:** It contains two low Rds(on) N-channel power FETs. Because the "high-side" and "low-side" switches are internal, it eliminates the need for an external Schottky diode, improving efficiency. * **PWM Control Logic:** It uses a current-mode Pulse Width Modulation (PWM) architecture. This provides excellent line and load transient response. * **Precision Reference:** An internal 0.6 V reference allows for high accuracy in voltage regulation (±1.5% over temperature). * **Synchronization Circuit:** The part can be synchronized to an external clock, which helps manage Electromagnetic Interference (EMI) in multi-rail systems. --- ### 3. Protection and Safety Features To ensure the longevity of both the regulator and the load (CPU, FPGA, etc.), the ADP2118 includes built-in safety mechanisms: 1. **Overcurrent Protection (OCP):** Prevents damage during a short circuit by limiting the peak inductor current. 2. **Thermal Shutdown (TSD):** Automatically shuts down the device if the internal junction temperature exceeds 150°C. 3. **Undervoltage Lockout (UVLO):** Ensures the device does not attempt to operate until the input voltage is high enough to be stable. 4. **Soft Start:** Gradually increases the output voltage during power-up to prevent high "inrush" currents that could trip power supplies. --- ### 4. Application Circuit (Simplified) To use the ADP2118, a designer typically only needs a few external passive components: ```yaml Input_Capacitor: 10uF - 22uF (Ceramic) Inductor: 1.0uH - 2.2uH (Depending on frequency) Output_Capacitor: 22uF - 47uF (Low ESR) Resistor_Divider: Sets the desired output voltage ``` --- ### 5. Part Number Breakdown: `ADP2118ACPZ-R7` * **ADP2118:** The base functional model number. * **ACPZ:** Indicates the package type (LFCSP) and that it is RoHS compliant (Lead-free). * **R7:** Specifies the packaging format (7-inch Reel, typically containing 1,500 units).
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of using a synchronous regulator over a non-synchronous one?
    • ⤷ How do I calculate the resistor values for a specific output voltage on this chip?
    • ⤷ What is the impact of switching between 600 kHz and 1.2 MHz on efficiency?