Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP2138ACBZ-2.8-R7

  • AI
    ### Electronic Overview: ADP2138ACBZ-2.8-R7 The **ADP2138ACBZ-2.8-R7** is a compact, high-efficiency, step-down (buck) DC-to-DC converter manufactured by Analog Devices. It is specifically designed for portable devices where board space and power efficiency are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Output Voltage (Fixed)** | 2.8 V | | **Output Current** | 800 mA | | **Switching Frequency** | 3 MHz | | **Package Type** | 6-ball WLCSP (Wafer Level Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Features & Functions * **High Switching Frequency:** Operating at 3 MHz allows for the use of tiny ceramic capacitors and small inductors (as small as 0603 case size), reducing the total PCB footprint. * **Internal Synchronous Rectification:** Unlike standard buck converters that use an external diode, this part integrates a synchronous rectifier to improve efficiency and reduce part count. * **Automatic PFM/PWM Mode:** * **PWM Mode:** At high loads, it operates in Pulse Width Modulation for low noise. * **PFM Mode:** At light loads, it switches to Pulse Frequency Modulation to save power and extend battery life. * **Safety Features:** Includes internal soft start, thermal shutdown, and short-circuit protection. --- ### 3. Pinout Configuration (WLCSP) The device uses a 6-ball grid layout. Below is the functional mapping: | Pin Ball | Name | Function | | :--- | :--- | :--- | | **A1** | **VIN** | Input Voltage Supply | | **A2** | **SW** | Switch Node (Connection to Inductor) | | **B1** | **EN** | Enable Input (High = On, Low = Off) | | **B2** | **GND** | Ground | | **C1** | **VOUT** | Output Voltage Feedback/Sense | | **C2** | **PGND** | Power Ground | --- ### 4. Application Circuit Example A typical circuit requires only three external components: one input capacitor, one output capacitor, and one inductor. ```text L1 (1.0uH) VIN ----[inductor]---- VOUT (2.8V) | | | [Cin] [IC] [Cout] | | | GND GND GND ``` --- ### 5. Common Use Cases * **Mobile Handsets:** Powering internal processors or RF rails. * **Wearables:** Smartwatches and fitness trackers due to the tiny WLCSP footprint. * **Point-of-Load (POL):** Localized regulation in high-density digital systems.
    ✨ Follow-up Questions
    • ⤷ What is the recommended inductor value for this specific 3MHz switching frequency?
    • ⤷ How does the 'Fixed' output voltage of 2.8V differ from the adjustable version of the ADP2138?
    • ⤷ What are the layout best practices for the WLCSP package to manage thermal dissipation?