Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP2139ACBZ-1.2-R7

  • AI
    ## Electronic Component Overview: ADP2139ACBZ-1.2-R7 The **ADP2139ACBZ-1.2-R7** is a high-efficiency, low quiescent current, synchronous step-down (buck) DC-to-DC converter manufactured by **Analog Devices**. It is specifically designed for portable devices where battery life and space are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 1.2 V (Fixed) | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Output Current** | 800 mA (Maximum) | | **Switching Frequency** | 3 MHz | | **Package Type** | WLCSP (Wafer Level Chip Scale Package) | | **Pin Count** | 6-ball | | **Efficiency** | Up to 95% | --- ### 2. Core Functional Features * **Internal Synchronous Rectifier:** It integrates both the high-side and low-side power switches, eliminating the need for an external Schottky diode and improving efficiency. * **High Switching Frequency:** Operating at 3 MHz allows the use of tiny, low-profile inductors and ceramic capacitors, reducing the overall PCB footprint. * **Power Saving Modes:** * **PWM Mode:** Used for high-load efficiency and low noise. * **PSM (Power Save Mode):** Automatically shifts to pulse-frequency modulation at light loads to conserve battery life. * **Internal Protection:** Includes features such as undervoltage lockout (UVLO), soft start to prevent inrush current, and thermal shutdown. --- ### 3. Pin Configuration (6-Ball WLCSP) | Ball | Name | Description | | :--- | :--- | :--- | | A1 | **VIN** | Power Input Supply. | | A2 | **SW** | Switch Node (Connection to Inductor). | | B1 | **EN** | Enable Input. High = On, Low = Off. | | B2 | **GND** | Ground Reference. | | C1 | **VOUT/FB** | Output Voltage Feedback Sense. | | C2 | **MODE** | Mode Select (forced PWM or auto PWM/PSM). | --- ### 4. Typical Application Circuit The circuit for this component is minimalist, requiring only three primary external components: 1. **Input Capacitor ($C_{IN}$):** Typically $4.7\mu F$ or $10\mu F$ ceramic. 2. **Output Inductor ($L$):** Typically $1.0\mu H$ or $1.5\mu H$. 3. **Output Capacitor ($C_{OUT}$):** Typically $10\mu F$ or $22\mu F$ ceramic. ```text VIN ----[Cin]----( VIN ) ( SW )----[ Inductor ]----+---- VOUT (1.2V) | | | GND GND [Cout] | GND ``` --- ### 5. Common Use Cases * **Mobile Handsets:** Powering baseband processors or memory. * **Wearables:** Smartwatches and fitness trackers due to the small WLCSP footprint. * **Portable Medical Imaging:** Devices requiring stable, low-noise power in a compact size.
    ✨ Follow-up Questions
    • ⤷What is the difference between the fixed 1.2V version and adjustable versions of the ADP2139?
    • ⤷ How does the 3 MHz switching frequency impact electromagnetic interference (EMI)?
    • ⤷ What are the thermal considerations for the WLCSP package during PCB layout?