Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP2139ACBZ-1.8-R7

  • AI
    The **ADP2139ACBZ-1.8-R7** is a high-efficiency, low quiescent current, synchronous step-down (buck) DC-to-DC converter manufactured by Analog Devices. It is specifically designed for portable applications where power conservation and compact board space are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Output Voltage (Fixed)** | 1.8 V | | **Maximum Output Current** | 800 mA | | **Switching Frequency** | 3 MHz | | **Quiescent Current (Iq)** | 24 µA (Typical) | | **Package Type** | 6-ball WLCSP (Wafer Level Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Description The ADP2139 utilizes a proprietary high-speed current mode architecture. This allows for excellent stability and transient response. * **Synchronous Rectification:** Unlike standard buck converters that use a diode, this part integrates both a high-side and a low-side MOSFET. This reduces conduction losses and improves efficiency, especially at low output voltages. * **Automatic PFM/PWM Transition:** * **PWM Mode:** At high loads, it operates at a constant 3 MHz frequency for low noise. * **PFM Mode:** At light loads, it automatically switches to Pulse Frequency Modulation (PFM) to significantly reduce power consumption. * **Internal Compensation:** The device is internally compensated, meaning it requires very few external components (usually just an inductor and two capacitors), saving PCB space. --- ### 3. Application Use Cases Due to its small footprint and high efficiency, it is commonly found in: * **Mobile Handsets:** Powering processors or memory rails. * **Wearables:** Smartwatches and fitness trackers where battery life is paramount. * **IoT Sensors:** Devices that spend most of their time in sleep mode. * **Digital Cameras:** Providing stable power to image sensors. --- ### 4. Part Number Breakdown Understanding the suffix helps in procurement and logistics: * **ADP2139:** Base model series. * **ACBZ:** Package code for WLCSP. * **1.8:** Fixed output voltage (1.8V). * **R7:** 7-inch reel packaging (standard for automated pick-and-place assembly). ---
    ✨ Follow-up Questions
    • ⤷What are the recommended external inductor and capacitor values for this IC?
    • ⤷ How does the 3 MHz switching frequency impact the overall circuit design?
    • ⤷ Does this model support an adjustable output voltage variant?