Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP2165ACPZ-R7

  • AI
    The **ADP2165ACPZ-R7** is a high-efficiency, synchronous step-down (buck) DC-to-DC regulator manufactured by Analog Devices. It is designed for applications requiring high current output and compact board space. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.7 V to 5.5 V | | **Output Voltage Range** | 0.6 V to VIN (Adjustable) | | **Continuous Output Current** | 5 Amperes | | **Switching Frequency** | 250 kHz to 1.4 MHz (Resistor Programmable) | | **Efficiency** | Up to 96% | | **Package** | 24-lead LFCSP (4 mm × 4 mm) | | **Operating Temperature** | −40°C to +125°C | --- ### 2. Functional Electronic Components The internal architecture of the ADP2165 includes several critical electronic sub-systems: * **Integrated Power MOSFETs:** It contains high-side and low-side N-channel MOSFETs. Because the low-side switch is integrated, no external Schottky diode is required for rectification, which saves space and improves efficiency. * **Current-Mode Control Architecture:** It uses a peak current-mode control scheme. This provides excellent line and load transient response and simplifies the external compensation network. * **SYNC/MODE Pin:** This allow the device to be synchronized to an external clock. It also allows the user to switch between **PWM (Pulse Width Modulation)** for low noise and **PSM (Power Save Mode)** for high efficiency at light loads. * **Internal Soft Start:** Reduces inrush current during startup by gradually increasing the output voltage. * **Precision Enable (EN):** Allows for easy sequencing of multiple power rails. --- ### 3. Application Circuit Components To build a functional circuit with the ADP2165, the following external passive components are required: 1. **Inductor (L):** Typically between $0.47 \mu H$ to $2.2 \mu H$, chosen based on the desired switching frequency and ripple current. 2. **Input Capacitor ($C_{IN}$):** Low ESR ceramic capacitors (typically $22 \mu F$ or higher) to handle high input ripple currents. 3. **Output Capacitor ($C_{OUT}$):** Ceramic capacitors to maintain voltage stability and minimize output ripple. 4. **Resistor Divider ($R_1, R_2$):** Connected to the **FB (Feedback)** pin to set the specific output voltage ($V_{OUT} = 0.6V \times (1 + R1/R2)$). --- ### 4. Common Use Cases * **Point of Load (POL) Regulation:** Converting 5V or 3.3V rails to lower voltages for CPUs and FPGAs. * **Telecommunications:** Base stations and networking equipment. * **Consumer Electronics:** High-end set-top boxes and gaming consoles. * **Medical Equipment:** Portable imaging and diagnostic tools. --- ### 5. Part Number Breakdown (ADP2165ACPZ-R7) * **ADP2165:** Base model number. * **A:** Performance/Feature grade. * **CP:** LFCSP (Lead Frame Chip Scale Package). * **Z:** RoHS compliant (Lead-free). * **R7:** Tape and Reel packaging (typically 7-inch reel containing 1,500 units).
    ✨ Follow-up Questions
    • ⤷How do I calculate the inductor value for a 1.2V output?
    • ⤷ What are the thermal considerations for the LFCSP package at 5A?
    • ⤷ How does PSM mode improve efficiency compared to PWM mode?