Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP2230ACPZ-R7

  • AI
    The **ADP2230ACPZ-R7** is a high-efficiency, dual-output, step-down (buck) DC-to-DC regulator manufactured by Analog Devices. It is designed for applications where space is limited and power efficiency is critical, such as mobile devices and portable instruments. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Topology** | Buck (Step-Down) | | **Number of Outputs** | 2 | | **Input Voltage Range** | 2.3V to 6.5V | | **Output Current** | 800 mA per channel | | **Switching Frequency** | 2 MHz | | **Package Type** | LFCSP-10 (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Features * **Dual Channel:** It manages two independent output voltages from a single input source. * **Synchronous Rectification:** Integrated high-side and low-side power MOSFETs improve efficiency and eliminate the need for external Schottky diodes. * **Phase Shifting:** The two channels operate 180° out of phase. This reduces input current ripple and allows for smaller input capacitors. * **Automatic PSM/PWM:** The device switches between Power Save Mode (PSM) for high efficiency at light loads and Pulse Width Modulation (PWM) for low noise at heavy loads. * **Soft Start:** Internal soft-start circuitry limits inrush current during startup. --- ### 3. Pin Configuration Overview Below is a simplified functional description of the primary pins: | Pin Name | Function | | :--- | :--- | | **VIN** | Input Power Supply. | | **VOUT1 / VOUT2** | Output voltage feedback/sense pins. | | **SW1 / SW2** | Switching nodes connected to the external inductors. | | **EN1 / EN2** | Enable pins for independent control of each channel. | | **PG** | Power Good indicator (active high). | | **GND** | Ground and thermal pad connection. | --- ### 4. Typical Application Circuit To use this part, you generally require the following external components for each channel: 1. **Inductor:** Typically 1.0µH to 2.2µH to store energy. 2. **Input Capacitor:** A 10µF ceramic capacitor to filter the input. 3. **Output Capacitor:** A 10µF or 22µF ceramic capacitor to smooth the output voltage. ```python # Conceptual Power Calculation for Efficiency input_voltage = 5.0 output_voltage = 1.8 current_load = 0.5 # 500mA efficiency = 0.92 # Approx 92% power_out = output_voltage * current_load power_in = power_out / efficiency power_dissipated = power_in - power_out print(f"Power Dissipated as Heat: {power_dissipated:.3f} Watts") ``` --- ### 5. Common Use Cases * **Mobile Handsets:** Powering processors and I/O rails. * **Portable Medical Equipment:** Providing stable rails for sensors and microcontrollers. * **FPGA/DSP Power:** Supplying core and auxiliary voltages for low-power digital ICs.
    ✨ Follow-up Questions
    • ⤷ What are the layout considerations for the 180-degree phase shift feature?
    • ⤷ How does the ADP2230 compare to the ADP2220 in terms of current limit?
    • ⤷ What is the specific meaning of the 'R7' suffix in the part number?