Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP2325ACPZ-R7

  • AI
    The **ADP2325ACPZ-R7** is a high-efficiency, dual output, step-down (buck) switching regulator manufactured by Analog Devices. It is designed for high-density power solutions in communications, industrial, and consumer electronics. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5 V to 20 V | | **Output Channels** | Dual (2) | | **Output Current** | 5 A per channel (or 10 A in interleaved mode) | | **Switching Frequency** | Programmable (250 kHz to 1.2 MHz) | | **Output Voltage Range** | Adjustable down to 0.6 V | | **Efficiency** | Up to 95% | | **Package** | 32-Lead LFCSP (5mm x 5mm) | --- ### 2. Core Functional Components The device integrates several critical electronic sections to manage power conversion: 1. **Integrated Power MOSFETs**: It includes high-side and low-side N-channel MOSFETs for both channels, reducing the need for external power components and saving PCB space. 2. **Pulse Width Modulation (PWM) Controller**: Uses current-mode control for excellent line and load transient response. It can operate in forced PWM mode or pulse-skipping mode for light load efficiency. 3. **Phase Shifting Logic**: The two channels operate 180° out of phase. This "interleaving" reduces input current ripple and allows for smaller input capacitance. 4. **Precision Enable and Soft Start**: Each channel has an independent enable pin and adjustable soft-start to prevent inrush current during power-up. 5. **Protection Circuitry**: * **Overcurrent Protection (OCP)**: Prevents damage during shorts. * **Thermal Shutdown (TSD)**: Shuts down the chip if the junction temperature exceeds limits. * **Undervoltage Lockout (UVLO)**: Ensures the device only operates when the input voltage is stable. --- ### 3. Application Circuit Components When designing with the ADP2325, you typically need the following external parts: * **Inductors**: Two power inductors (one per channel) to store energy. * **Capacitors**: Input ceramic capacitors (CIN) and output filter capacitors (COUT). * **Resistor Dividers**: Connected to the `FB` (feedback) pins to set the desired output voltage. * **Compensation Network**: Resistors and capacitors connected to the `COMP` pins to stabilize the control loop. --- ### 4. Part Number Breakdown * **ADP2325**: Device Model Number. * **ACPZ**: **A** = Temperature range (-40°C to +125°C); **CP** = LFCSP package; **Z** = RoHS compliant (Lead-free). * **R7**: Denotes the packaging format (7-inch Reel, typically 1,500 units).
    ✨ Follow-up Questions
    • ⤷What are the advantages of using interleaved phase operation in this regulator?
    • ⤷ How do you calculate the resistor values for a 3.3V output?
    • ⤷ Can this device be configured for a single 10A output instead of two 5A outputs?