Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP2387ACPZN-R7

  • AI
    ## Overview of the ADP2387ACPZN-R7 The **ADP2387ACPZN-R7** is a high-efficiency, synchronous step-down (buck) DC-to-DC regulator. It is designed by Analog Devices and is widely used in applications requiring high power density and precise voltage regulation. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5 V to 20 V | | **Output Current** | Up to 12 A | | **Output Voltage Range** | 0.6 V to 90% of Input Voltage | | **Switching Frequency** | 200 kHz to 1.4 MHz (Adjustable) | | **Package Type** | 24-Lead LFCSP (4mm x 4mm) | | **Operating Temperature** | -40°C to +125°C | | **Efficiency** | Up to 95% | --- ### Key Electronic Features 1. **Synchronous Rectification**: The device integrates high-side and low-side power MOSFETs. This reduces the need for an external Schottky diode and significantly improves efficiency, especially at high load currents. 2. **Current Mode Control**: It utilizes a fixed-frequency, peak current mode control architecture. This provides excellent line and load transient response and simplifies the external compensation network. 3. **Adjustable Switching Frequency**: The frequency can be set using an external resistor or synchronized to an external clock. This allows designers to optimize for size (high frequency) or efficiency (low frequency). 4. **Precision Enable and Power Good**: - **Enable (EN)**: Allows for specific sequencing of power rails. - **Power Good (PGOOD)**: An open-drain output that signals when the output voltage is within regulation. 5. **Protection Mechanisms**: - **OCP**: Overcurrent Protection (Hiccup mode). - **OVP**: Overvoltage Protection. - **TSD**: Thermal Shutdown. - **UVLO**: Undervoltage Lockout. --- ### Pin Configuration (Key Pins) | Pin Name | Function | | :--- | :--- | | **PVIN / VIN** | Power and Bias Input supply. | | **SW** | Switching node connected to the inductor. | | **FB** | Feedback input to set the output voltage via a resistor divider. | | **COMP** | Compensation node for the error amplifier. | | **RT** | Frequency set pin (connect resistor to GND). | | **BST** | Bootstrap pin for the high-side driver. | --- ### Typical Application Circuit (Conceptual) ```python # Conceptual connection logic for the ADP2387 Input_Power (12V) -> PVIN Pin Output_Voltage (Adjustable) -> FB Pin (via Resistor Divider) Inductor -> SW Pin to VOUT Capacitor -> VOUT to GND Resistor_RT -> RT Pin to GND (Sets Frequency) ``` ---
    ✨ Follow-up Questions
    • ⤷What are the recommended inductor values for a 12V to 3.3V conversion using the ADP2387?
    • ⤷ How does the 'Hiccup Mode' protect the device during a short circuit?
    • ⤷ Can the ADP2387 be used in a multi-phase configuration for higher current?