Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP2450ASTZ-1-R7

  • AI
    The **ADP2450ASTZ-1-R7** is a highly integrated power management solution developed by Analog Devices. It is specifically designed for low-power processing and sensing applications, such as those found in smart sensors, industrial IoT devices, and battery-powered equipment. Below is a detailed breakdown of its electronic characteristics and functionality. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Manufacturer** | Analog Devices Inc. (ADI) | | **Input Voltage Range** | 3.5V to 36V | | **Output Type** | Buck (Step-down) + LDO | | **Switching Frequency** | Adjustable (300 kHz to 2.2 MHz) | | **Integrated Components** | High-side MOSFET, Low-power LDO, Shunt Regulator | | **Package** | 32-Lead LQFP (7mm x 7mm) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Blocks The ADP2450 is unique because it combines several power stages into a single IC to simplify complex power architectures. * **Buck Regulator:** A high-efficiency synchronous step-down regulator capable of delivering significant current while maintaining low thermal dissipation. * **Low Dropout Regulator (LDO):** Provides a clean, low-noise voltage rail, typically used for powering sensitive analog circuitry or sensors. * **Integrated Shunt Regulator:** Useful in applications where voltage protection or clamping is required, such as in 4–20 mA loop-powered systems. * **Precision Enable & Power Good:** Allows for controlled power-up sequencing, ensuring the microcontroller or processor starts only when voltages are stable. --- ### 3. Application Use Cases This chip is optimized for environments where power efficiency and space are critical. 1. **Industrial Sensors:** Its wide input voltage (up to 36V) allows it to operate directly from industrial 24V rails. 2. **4–20 mA Loop Powered Systems:** The integrated shunt regulator is specifically designed to handle the requirements of loop-powered instrumentation. 3. **IoT Nodes:** High efficiency at light loads helps extend battery life in wireless sensing applications. --- ### 4. Circuit Diagram Logic To implement the ADP2450, the following peripheral components are typically required: ```mermaid graph LR A[Input Voltage 24V] --> B[ADP2450] B --> C[Inductor/Capacitor - Buck Output] B --> D[LDO Output - Clean Power] B --> E[Shunt Control] C --> F[Digital Core/MCU] D --> G[Analog Sensors] ``` --- ### 5. Part Number Suffix Breakdown * **ASTZ:** Indicates the package type (LQFP) and Lead-Free (RoHS) status. * **-1:** Refers to the specific internal configuration variant (e.g., fixed vs. adjustable settings). * **R7:** Indicates the shipping format, in this case, a **7-inch Tape and Reel** (typically 1,500 units per reel).
    ✨ Follow-up Questions
    • ⤷What are the specific differences between the -1 and -2 variants of the ADP2450?
    • ⤷ Can you provide a recommended schematic for a 24V to 5V conversion using this IC?
    • ⤷ How does the integrated shunt regulator assist in 4-20mA loop applications?