Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP3629ARZ-R7

  • AI
    ## Overview of the ADP3629ARZ-R7 The **ADP3629ARZ-R7** is a high-speed, dual, 2 A MOSFET driver designed by Analog Devices. It is specifically engineered to drive two independent N-channel power MOSFETs with high efficiency and speed, making it an essential component in power conversion and management circuits. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices | | **Number of Drivers** | Dual (2 independent channels) | | **Output Current** | 2 A (Peak) | | **Supply Voltage Range** | 4.5 V to 18 V | | **Propagation Delay** | 10 ns (typical) | | **Rise/Fall Time** | 10 ns (typical with 1000 pF load) | | **Logic Compatibility** | TTL/CMOS compatible inputs | | **Package Type** | SOIC-8 (Small Outline Integrated Circuit) | | **Mounting Type** | Surface Mount | --- ### 2. Functional Electronic Parts & Architecture The internal architecture of the ADP3629 consists of several critical sub-circuits that ensure stable and fast switching: 1. **Input Stage:** Features high-precision thresholds with hysteresis to prevent false triggering from noise. It can interface directly with PWM controllers or microcontrollers. 2. **Logic Control:** Manages the inversion or non-inversion of signals (the ADP3629 is generally a non-inverting driver). 3. **Gate Drive Output Stage:** Uses a P-channel and N-channel MOSFET output pair to provide high sourcing and sinking current (2 A), allowing for rapid charging and discharging of the power MOSFET's gate capacitance. 4. **Undervoltage Lockout (UVLO):** An internal safety circuit that ensures the driver remains off if the supply voltage ($V_{DD}$) is too low to safely turn on the external MOSFETs. --- ### 3. Application Use Cases This component is commonly found in circuits where high-speed switching is necessary to minimize power loss: * **Switch-Mode Power Supplies (SMPS):** Used to drive the main switching transistors. * **DC-DC Converters:** Ideal for synchronous rectification and buck/boost topologies. * **Motor Control:** Driving MOSFET H-bridges for small to medium motors. * **Class-D Audio Amplifiers:** Providing the necessary speed for high-fidelity PWM reproduction. --- ### 4. Pin Configuration (SOIC-8) | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | **NC** | No Connection | | 2 | **INA** | Input for Channel A | | 3 | **GND** | Ground | | 4 | **INB** | Input for Channel B | | 5 | **OUTB** | Output for Channel B | | 6 | **VDD** | Supply Power | | 7 | **OUTA** | Output for Channel A | | 8 | **NC** | No Connection |
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADP3629 and the ADP3630 series?
    • ⤷ How does the Undervoltage Lockout (UVLO) feature specifically protect the external MOSFETs?
    • ⤷ What thermal management considerations should be taken when driving high-frequency loads with this chip?