Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP5050ACPZ-R7

  • AI
    The **ADP5050ACPZ-R7** is a high-performance, integrated power management unit (PMU) manufactured by Analog Devices. It is designed for applications requiring multiple power rails in a compact form factor, such as FPGAs, DSPs, and industrial computing. --- ### 1. Key Technical Specifications The device combines four high-performance buck regulators and one low dropout (LDO) regulator. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5 V to 15 V | | **Output Channels** | 4 Buck Regulators + 1 LDO | | **Max Current (Buck 1 & 2)** | 1.2 A each (Programmable) | | **Max Current (Buck 3 & 4)** | 1.2 A each (Programmable) | | **Switching Frequency** | 250 kHz to 1.4 MHz (Resistor Programmable) | | **Interface** | I2C Interface for dynamic control | | **Package** | 48-lead LFCSP (7mm x 7mm) | --- ### 2. Functional Components #### A. Quad Buck Regulators The four synchronous step-down (buck) regulators provide the primary power conversion. - **Efficiency:** Optimized for high efficiency across a wide load range. - **Flexibility:** Regulators 1 and 2 can be configured in a parallel mode to provide a single output of up to 2.4 A. - **Phase Shifting:** Each channel is phase-shifted to reduce input current ripple and minimize EMI. #### B. I2C Monitoring and Control One of the standout features of the "ADP5050" variant is its digital management capability: - **Voltage Scaling:** Dynamically adjust output voltages via I2C. - **Power Sequencing:** Programmable start-up and shut-down timing. - **Monitoring:** Integrated 12-bit ADC allows the system to monitor input voltage, output voltages, and die temperature. #### C. Supervisory Circuits The chip includes a dedicated **Watchdog Timer** and a **Manual Reset (MR)** input, which are critical for maintaining system reliability in embedded processors. --- ### 3. Application Use Cases Due to its high integration, it is commonly used in: 1. **FPGA/Microprocessor Power:** Providing core, I/O, and memory rails. 2. **Medical Equipment:** Where high precision and monitoring are required. 3. **Communication Infrastructure:** Small cell base stations and routers. --- ### 4. Part Number Breakdown: ADP5050ACPZ-R7 - **ADP5050:** Base functional model (with I2C and Watchdog). - **A:** Temperature Grade (-40°C to +125°C). - **CP:** LFCSP (Lead Frame Chip Scale Package). - **Z:** RoHS Compliant / Lead-Free. - **R7:** 7-inch reel packaging (typically 1,500 units). ---
    ✨ Follow-up Questions
    • ⤷ How does the ADP5050 differ from the ADP5052 model?
    • ⤷ What are the specific I2C registers used for voltage scaling in this chip?
    • ⤷ What is the recommended layout strategy for the LFCSP package to manage heat?