Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP5070ACPZ-R7

  • AI
    ## ADP5070ACPZ-R7: Technical Overview The **ADP5070ACPZ-R7** is a high-performance, dual-output DC-to-DC regulator. It is specifically designed to generate both a positive and a negative supply rail from a single input voltage, making it ideal for bipolar precision components like operational amplifiers and ADCs. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. (ADI) | | **Input Voltage Range** | 2.85 V to 15 V | | **Output 1 (Boost)** | Adjustable up to 39 V | | **Output 2 (Inverting)** | Adjustable down to -39 V | | **Switching Frequency** | 1.2 MHz or 2.4 MHz (Pin Selectable) | | **Max Output Current** | 1.0 A (Internal Switch Peak) | | **Package** | 20-Lead LFCSP (4mm x 4mm) | --- ### 2. Functional Components The device integrates several critical electronic sections into a single chip: * **Boost Regulator:** Uses an internal N-channel MOSFET to step up the input voltage to a higher positive voltage. * **Inverting Regulator (Buck-Boost):** Uses an internal P-channel MOSFET to generate a negative voltage rail. * **PWM Controller:** Manages the switching duty cycle to maintain stable output voltages even under varying loads. * **Sync Input:** Allows the device to be synchronized with an external clock to reduce system noise. * **Soft Start & Power Good:** Prevents current inrush during startup and provides a signal when the outputs are stable. --- ### 3. Application Use Cases The ADP5070 is commonly used in high-precision environments where symmetrical power supplies are required: 1. **ADC/DAC Powering:** Provides the $\pm$ rails required for high-speed data converters. 2. **RF/Communications:** Used for biasing power amplifiers and noise-sensitive RF circuits. 3. **Industrial Instrumentation:** Powering sensors and precision analog front-ends. --- ### 4. Typical Circuit Configuration To operate the ADP5070, several external passive components are required. Below is a logic representation of the required connections: ```markdown V_IN ----> [CIN] ----> ADP5070 (VIN Pin) | |---> [L1] + [D1] + [COUT1] ----> +V_OUT (Positive Rail) | |---> [L2] + [D2] + [COUT2] ----> -V_OUT (Negative Rail) | |---> [R_FB1/R_FB2] (Feedback resistors to set voltage) ``` ---
    ✨ Follow-up Questions
    • ⤷How do I calculate the feedback resistor values for specific output voltages?
    • ⤷ What are the thermal management requirements for the LFCSP package?
    • ⤷ Can the ADP5070 be synchronized with an external clock to reduce EMI?