Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP5135ACPZ-R7

  • AI
    The **ADP5135ACPZ-R7** is a high-efficiency, power management integrated circuit (PMIC) designed by Analog Devices. It is specifically engineered for applications requiring multiple power rails in a compact footprint, such as smartphones, tablets, and portable industrial devices. --- ### 1. Key Technical Specifications The device integrates three high-performance buck (step-down) regulators into a single package. | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 3.0 V to 5.5 V | | **Number of Outputs** | 3 Buck Regulators | | **Output Current (Buck 1 & 2)** | 1200 mA (each) | | **Output Current (Buck 3)** | 800 mA | | **Switching Frequency** | 3.0 MHz | | **Package Type** | 24-lead LFCSP (4mm x 4mm) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Features * **High Switching Frequency:** Operates at 3 MHz, which allows for the use of very small multi-layer ceramic inductors and capacitors, reducing the overall PCB footprint. * **Automatic PWM/PSM Modes:** * **PWM (Pulse Width Modulation):** Used during high loads for low noise. * **PSM (Power Save Mode):** Used during light loads to maximize battery life by increasing efficiency. * **Dedicated Enable Pins:** Each regulator has its own enable input, allowing for custom power-up sequencing to protect sensitive processors (FPGA/ASIC). * **Internal Soft Start:** Limits inrush current during startup to prevent voltage dips on the input supply. --- ### 3. Pinout and Layout Architecture The ADP5135 uses a Lead Frame Chip Scale Package (LFCSP), which includes an exposed thermal pad for heat dissipation. | Pin Group | Function | | :--- | :--- | | **PVINx** | Power input for the respective buck regulators. | | **SWx** | Switching node connected to the external inductor. | | **FBx** | Feedback input to set the output voltage via a resistor divider. | | **ENx** | Enable pins for individual channel control. | | **AGND / PGND** | Analog and Power ground separation to minimize noise interference. | --- ### 4. Typical Application Diagram Below is a simplified representation of how the part is integrated into a circuit: ```mermaid graph LR Vin[Input 3V-5.5V] --> ADP5135 ADP5135 --> L1[Inductor 1] --> Vout1[1.2V Core] ADP5135 --> L2[Inductor 2] --> Vout2[1.8V I/O] ADP5135 --> L3[Inductor 3] --> Vout3[3.3V Aux] ``` --- ### 5. Why use the "R7" Suffix? The **-R7** suffix indicates the packaging format for manufacturing: * **R7:** 7-inch reel containing 1,500 units. * **ACPZ:** Indicates the Lead Frame Chip Scale Package (LFCSP) and that the device is RoHS compliant (Pb-free).
    ✨ Follow-up Questions
    • ⤷ What are the recommended inductor values for the 3 MHz switching frequency?
    • ⤷ How does the ADP5135 handle thermal shutdown and overcurrent protection?
    • ⤷ Can the output voltages be adjusted dynamically during operation?