Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP5138ACPZ-2-R7

  • AI
    ## Overview of the ADP5138ACPZ-2-R7 The **ADP5138ACPZ-2-R7** is a high-efficiency, multi-output power management unit (PMU) designed by Analog Devices. It is specifically engineered for applications requiring high power density and precision, such as powering high-performance FPGAs, processors, and communication modules. --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Number of Outputs** | 4 (Quad) | | **Output Type** | Step-Down (Buck) Regulators | | **Input Voltage Range** | 0.8V to 5.5V | | **Max Output Current** | 1A per channel (typically) | | **Switching Frequency** | 3.2 MHz (High frequency for small inductors) | | **Package / Case** | 28-WFQFN Exposed Pad | | **Operating Temp** | -40°C to +125°C | --- ### Key Internal Components and Functions The device integrates several critical electronic sections into a single chip: #### 1. Switching Regulators (Buck Converters) The device contains four synchronous step-down regulators. These use internal MOSFETs to convert a higher input voltage to a lower output voltage with high efficiency (often >90%). #### 2. Precision Enable & Sequencing Each of the four regulators has a dedicated enable pin. This allows for **power-up sequencing**, which is vital for complex processors that require specific voltage rails to turn on in a particular order to prevent damage. #### 3. High-Frequency Oscillator Operating at **3.2 MHz**, the internal clock allows the use of very small surface-mount inductors and capacitors. This reduces the total PCB "footprint" of the power supply. #### 4. Safety and Protection Circuits The chip includes integrated protection features: * **UVLO (Under-Voltage Lockout):** Prevents the device from operating if the input voltage is too low. * **Thermal Shutdown:** Switches the device off if it exceeds safe operating temperatures. * **Current Limiting:** Protects the internal MOSFETs from short circuits. --- ### Typical Application Circuit When designing with the ADP5138, you generally require minimal external components: ```c // Schematic Component List 1. Input Capacitors (Ceramic, Low ESR) 2. Power Inductors (Small 0603 or 0805 size) 3. Output Capacitors (for stability and ripple reduction) 4. Resistor Dividers (to set specific output voltages) ``` --- ### Comparison: ADP5138 vs. Standard Regulators * **Integration:** Replaces four separate DC-DC converter ICs, saving up to 70% board space. * **Efficiency:** Uses synchronous rectification, which eliminates the need for external Schottky diodes. * **Noise:** High-frequency operation keeps noise out of sensitive audio or communication bands.
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage output options for the -2-R7 variant?
    • ⤷ How does the power-down sequencing work in this PMU?
    • ⤷ What is the recommended layout for thermal dissipation in the WQFN package?