Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP7142ARDZ-5.0-R7

  • AI
    The **ADP7142ARDZ-5.0-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a very clean and stable 5.0V output from a high input voltage range, making it ideal for noise-sensitive analog and mixed-signal applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage** | 5.0V (Fixed) | | **Input Voltage Range** | 2.7V to 40V | | **Maximum Output Current** | 200 mA | | **Dropout Voltage** | 200 mV (typical at 200 mA) | | **PSRR (Power Supply Rejection Ratio)** | 60 dB at 10 kHz; 40 dB at 1 MHz | | **Output Noise** | 11 μV rms (10 Hz to 100 kHz) | | **Package** | 8-Lead SOIC_N_EP (with Exposed Pad) | --- ### 2. Detailed Part Breakdown #### A. Architecture and Low Noise The ADP7142 uses an advanced proprietary architecture that allows it to achieve high PSRR and low noise without requiring an external soft-start capacitor. This makes it suitable for powering sensitive components like: * Precision ADCs/DACs. * Radio Frequency (RF) amplifiers. * Medical imaging equipment. #### B. The "ARDZ-5.0-R7" Suffix Meaning * **ARDZ**: Indicates the package type (SOIC) and that the device is RoHS compliant (Lead-free). * **5.0**: Specifies the fixed output voltage of 5.0V. * **R7**: Indicates the tape and reel packaging size (7-inch reel, typically 1,000 units). #### C. Thermal Management The "EP" in the package description stands for **Exposed Pad**. This metal pad on the bottom of the chip must be soldered to the PCB ground plane to dissipate heat. Since this is a linear regulator, the power dissipation is calculated as: `P = (V_in - V_out) × I_load`. --- ### 3. Typical Application Circuit To ensure stability, the ADP7142 requires small ceramic input and output capacitors. ```markdown Vin (up to 40V) ----[ 2.2uF Cap ]----| IN OUT |----[ 2.2uF Cap ]---- Vout (5.0V) | ADP7142 | | EN GND | | | Enable Ground ``` --- ### 4. Protective Features 1. **Current-Limit Protection:** Prevents damage during short-circuit conditions. 2. **Thermal Shutdown:** Shuts the device off if the junction temperature exceeds 150°C. 3. **Reverse Current Protection:** Prevents current from flowing from the output back to the input when the input voltage drops below the output voltage.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the maximum allowable input voltage for a specific thermal environment?
    • ⤷ What are the advantages of using a 40V LDO like the ADP7142 over a standard 5V regulator?
    • ⤷ Are there adjustable versions of the ADP7142 available for different output voltages?