Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP7159ARDZ-03-R7

  • AI
    The **ADP7159ARDZ-03-R7** is a high-performance, ultra-low noise linear regulator (LDO) manufactured by Analog Devices. It is specifically designed for noise-sensitive applications where a clean power supply is critical. --- ### 1. Key Technical Specifications The "03" in the part number indicates a specific fixed output voltage variant. | Feature | Specification | | :--- | :--- | | **Output Voltage** | 3.3V (Fixed) | | **Input Voltage Range** | 2.3V to 5.5V | | **Maximum Output Current** | 2.0 Amperes (2A) | | **Noise Density** | 0.9 µV rms (100 Hz to 100 kHz) | | **PSRR** | >60 dB at 10 kHz; >45 dB at 1 MHz | | **Dropout Voltage** | ~200 mV (at 2A load) | | **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) | --- ### 2. Core Functional Components The internal architecture of the ADP7159 includes several critical electronic stages: 1. **Error Amplifier:** Compares the feedback voltage from the output against an internal reference to maintain tight regulation. 2. **Pass Transistor (PMOS):** Acts as the variable resistor that drops the input voltage to the desired output level. 3. **Noise Reduction Network:** Integrated circuitry that filters the internal reference voltage, resulting in the ultra-low noise floor characteristic of this series. 4. **Soft Start:** Limits the inrush current during power-up to prevent spikes. 5. **Thermal & Current Protection:** Internal sensors shut down the device if it exceeds safe operating temperatures or current limits. --- ### 3. Application Use Cases Because of its extremely high Signal-to-Noise Ratio (SNR), this LDO is typically used in: * **RF and Microwave Power:** Powering VCOs, PLLs, and Mixers. * **Precision Analog:** Powering high-speed ADCs and DACs. * **Communication Infrastructure:** Base stations and optical modules. * **Medical Imaging:** Ultrasound and sensitive diagnostic equipment. --- ### 4. Part Number Breakdown Understanding the suffix codes helps in sourcing the correct component: | Code | Meaning | | :--- | :--- | | **ADP7159** | Base model number (Ultra-low noise 2A LDO) | | **ARDZ** | Package designator (SOIC with Exposed Pad, Lead-free) | | **03** | Fixed Voltage Option (3.3V) | | **R7** | Packaging format (7-inch Reel, typically 1000 units) | --- ### 5. Essential Design Tips ```c // Design Considerations: 1. Input Capacitor: Use a 10µF ceramic capacitor (X5R or X7R). 2. Output Capacitor: Use a 10µF ceramic capacitor for stability. 3. Thermal Pad: The "EP" (Exposed Pad) must be soldered to the PCB ground plane to dissipate heat, as 2A of current can generate significant heat. ```
    ✨ Follow-up Questions
    • ⤷What are the differences between the adjustable and fixed versions of the ADP7159?
    • ⤷ How do I calculate the power dissipation for this LDO in my circuit?
    • ⤷ Can this LDO be used in parallel to achieve 4A output?